Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3221IGV-2.7-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3221IGV-2.7-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3221IGV-2.7-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3221IGV-2.7-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3221IGV-2.7-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Characteristics
Unless otherwise noted, V
IN = VOUT + 1V, TA = 25°C, COUT = 5.6µF Ceramic, IOUT = 100mA.
Turn-On with 100mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-1
0
1
2
3
Output
Enable
Power-Up with 100mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-3
-2
-1
0
1
2
3
4
5
Output
Enable
Turn-On with 10mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-1
0
1
2
3
Output
Enable
Power-Up with 10mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-3
-2
-1
0
1
2
3
4
5
Output
Enable
Turn-On with 1mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-1
0
1
2
3
Output
Enable
Power-Up with 1mA Load
0
1
2
3
4
-1
0
1
2
Time (ms)
-3
-2
-1
0
1
2
3
4
5
Output
Enable
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
8
3221.2005.12.1.11


Similar Part No. - AAT3221IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221IGV-2.7-T1 ANALOGICTECH-AAT3221IGV-2.7-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com