Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3236IGV-3.5-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3236IGV-3.5-T1
Description  300mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3236IGV-3.5-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3236IGV-3.5-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3236IGV-3.5-T1 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AAT3236
300mA CMOS High Performance LDO
3236.2007.03.1.4
11
Reverse Output-to-Input Voltage
Conditions and Protection
Under normal operating conditions, a parasitic diode
exists between the output and input of the LDO reg-
ulator.
The input voltage should always remain
greater than the output load voltage, maintaining a
reverse bias on the internal parasitic diode.
Conditions where V
OUT might exceed VIN should be
avoided since this would forward bias the internal
parasitic diode and allow excessive current flow into
the V
OUT pin, possibly damaging the LDO regulator.
In applications where there is a possibility of V
OUT
exceeding V
IN for brief amounts of time during nor-
mal operation, the use of a larger value C
IN capac-
itor is highly recommended. A larger value of C
IN
with respect to C
OUT will effect a slower CIN decay
rate during shutdown, thus preventing V
OUT from
exceeding V
IN.
In applications where there is a
greater danger of V
OUT exceeding VIN for extended
periods of time, it is recommended to place a
Schottky diode across V
IN to VOUT (connecting the
cathode to V
IN and anode to VOUT).
The Schottky
diode forward voltage should be less than 0.45V.
Thermal Considerations and High
Output Current Applications
The AAT3236 is designed to deliver a continuous
output load current of 300mA under normal opera-
tions and can supply up to 500mA during circuit
start-up conditions.
This is desirable for circuit
applications where there might be a brief high in-
rush current during a power-on event.
The limiting characteristic for the maximum output
load current safe operating area is essentially
package power dissipation and the internal preset
thermal limit of the device. In order to obtain high
operating currents, careful device layout and circuit
operating conditions need to be taken into account.
The following discussions will assume the LDO reg-
ulator is mounted on a printed circuit board utilizing
the minimum recommended footprint as stated in
the Layout Considerations section of this datasheet.
At any given ambient temperature (T
A), the maxi-
mum package power dissipation can be deter-
mined by the following equation:
Constants for the AAT3236 are T
J(MAX), the maxi-
mum junction temperature for the device which is
125°C, and
Θ
JA
= 190°C/W, the package thermal
resistance. Typically, maximum conditions are cal-
culated at the maximum operating temperature
where T
A = 85°C, under normal ambient conditions
T
A = 25°C.
Given T
A = 85°C, the maximum pack-
age power dissipation is 211mW. At T
A = 25°C, the
maximum package power dissipation is 526mW.
The maximum continuous output current for the
AAT3236 is a function of the package power dissi-
pation and the input-to-output voltage drop across
the LDO regulator. Refer to the following simple
equation:
For example, if V
IN = 4.2V, VOUT = 3.3V, and TA =
25°C, I
OUT(MAX) < 584mA. If the output load current
were to exceed 584mA or if the ambient tempera-
ture were to increase, the internal die temperature
would increase.
If the condition remained con-
stant, the LDO regulator thermal protection circuit
would activate.
To determine the maximum input voltage for a
given load current, refer to the following equation.
This calculation accounts for the total power dissi-
pation of the LDO regulator, including that caused
by ground current.
P
D(MAX) = (VIN - VOUT)IOUT + (VIN x IGND)
This formula can be solved for V
IN to determine the
maximum input voltage.
The following is an example for an AAT3236 set for
a 3.0V output:
VIN(MAX) =
PD(MAX) + (VOUT × IOUT)
IOUT + IGND
IOUT(MAX) <
PD(MAX)
VIN - VOUT
PD(MAX) =
TJ(MAX) - TA
θJA


Similar Part No. - AAT3236IGV-3.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236IGV-3.5-T1 ANALOGICTECH-AAT3236IGV-3.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IGV-3.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com