Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3236IGV-3.3-T1 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3236IGV-3.3-T1
Description  300mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3236IGV-3.3-T1 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3236IGV-3.3-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3236IGV-3.3-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Applications Information
Input Capacitor
Typically, a 1µF or larger capacitor is recommend-
ed for C
IN in most applications.
A C
IN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3236 is physically located more
than six centimeters from an input power source, a
C
IN capacitor will be needed for stable operation.
C
IN should be located as closely to the device VIN
pin as practically possible. C
IN values greater than
1µF will offer superior input line transient response
and will assist in maximizing the highest possible
power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for C
IN. There is no specific
capacitor ESR requirement for C
IN.
However, for
300mA LDO regulator output operation, ceramic
capacitors are recommended for C
IN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND.
The C
OUT
capacitor connection to
the LDO regulator ground pin should be made as
direct as practically possible for maximum device
performance.
The AAT3236 has been specifically designed to
function with very low ESR ceramic capacitors.
Although the device is intended to operate with
these low ESR capacitors, it is stable over a very
wide range of capacitor ESR, thus it will also work
with higher ESR tantalum or aluminum electrolytic
capacitors.
However, for best performance,
ceramic capacitors are recommended.
Typical output capacitor values for maximum out-
put current conditions range from 1µF to 10µF.
Applications utilizing the exceptionally low output
noise and optimum power supply ripple rejection
characteristics of the AAT3236 should use 2.2µF or
greater for C
OUT.
If desired, C
OUT
may be
increased without limit.
In low output current applications where output
load is less than 10mA, the minimum value for
C
OUT can be as low as 0.47µF.
Bypass Capacitor and Low Noise
Applications
A bypass capacitor pin is provided to enhance the
very low noise characteristics of the AAT3236 LDO
regulator. The bypass capacitor is not necessary
for operation of the AAT3236. However, for best
device performance, a small ceramic capacitor
should be placed between the bypass pin (BYP)
and the device ground pin (GND). The value of
C
BYP may range from 470pF to 10nF.
For lowest
noise and best possible power supply ripple rejec-
tion performance a 10nF capacitor should be used.
To practically realize the highest power supply rip-
ple rejection and lowest output noise performance,
it is critical that the capacitor connection between
the BYP pin and GND pin be direct and PCB traces
should be as short as possible. Refer to the PCB
Layout Recommendations section of this datasheet
for examples.
There is a relationship between the bypass capac-
itor value and the LDO regulator turn-on time. In
applications where fast device turn-on time is
desired, the value of C
BYP should be reduced.
In applications where low noise performance
and/or ripple rejection are less of a concern, the
bypass capacitor may be omitted.
The fastest
device turn-on time will be realized when no
bypass capacitor is used.
DC leakage on this pin can affect the LDO regula-
tor output noise and voltage regulation perform-
ance. For this reason, the use of a low leakage,
high quality ceramic (NPO or C0G type) or film
capacitor is highly recommended.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3236. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
AAT3236
300mA CMOS High Performance LDO
3236.2007.03.1.4
9


Similar Part No. - AAT3236IGV-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236IGV-3.3-T1 ANALOGICTECH-AAT3236IGV-3.3-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IGV-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com