Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3216IGV-3.5-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3216IGV-3.5-T1
Description  150mA MicroPower??LDO with PowerOK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3216IGV-3.5-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3216IGV-3.5-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3216IGV-3.5-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
POK Output Response
Time (200
µs/div)
VIN (2V/div)
VOUT (2V/div)
VPOK (1V/div)
Over-Current Protection
-200
0
200
400
600
800
1000
1200
Time (20ms/div)
Load Transient Response
2.60
2.65
2.70
2.75
2.80
2.85
2.90
Time (100µs/div)
-100
0
100
200
300
400
500
IOUT
VOUT
Line Transient Response
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
Time (100
µs/div)
-2
-1
0
1
2
3
4
5
6
VIN
VOUT
Turn-Off Time with POK Delay
Time (200
µs/div)
VEN (2V/div)
VPOK (2V/div)
VOUT (2V/div)
Turn-On Time and POK Delay
Time (10
µs/div)
VENABLE (2V/div)
VOUT (500mV/div)
VPOK (500mV/div)
AAT3216
150mA MicroPower™ LDO with PowerOK
6
3216.2006.01.1.3


Similar Part No. - AAT3216IGV-3.5-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216IGV-3.5-T1 ETC-AAT3216IGV-3.5-T1 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
More results

Similar Description - AAT3216IGV-3.5-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3237 ANALOGICTECH-AAT3237 Datasheet
161Kb / 13P
   300mA MicroPower??LDO with PowerOK
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
ams AG
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306 Datasheet
252Kb / 8P
   150mA Micropower Cap Baseband LDO
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Micrel Semiconductor
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com