Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT541BNSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT541BNSR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT541BNSR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABT541BNSR Datasheet HTML 1Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 2Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 3Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 4Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 5Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 6Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 7Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 8Page - Texas Instruments SN74ABT541BNSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
Electrical Characteristics
SN54ABT541, SN74ABT541B
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS093L – DECEMBER 1993 – REVISED DECEMBER 2006
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54ABT51
SN74ABT541B
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(1)
MAX
MIN
MAX
MIN
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VOH
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VCC = 4.5 V,
IOH = –24 mA
2
2
IOH = –32 mA
2(2)
2
VOL
VCC = 4.5 V,
IOL = 48 mA
0.55
0.55
VV
IOL = 64 mA
0.55(2)
0.55
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50(3)
±50(3)
±50
µA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50(3)
±50(3)
±50
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
10
10
10
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–10
–10
–10
µA
Ioff
VCC = 0 V,
VI or VO≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V,
Outputs high
50
50
µA
IO
VCC = 5.5 V(4),
VO = 2.5 V
–50
–140
–180
–50
–180
–50
–180
mA
ICC
VCC = 5.5 V,
Outputs high
5
250
250
250
µA
IO = 0 V,
Outputs low
22
30
30
30
mA
VI = VCC or GND
Outputs disabled
1
250
250
250
µA
∆I
CC
VCC = 5.5 V,
Outputs enabled
1.5
1.5
1.5
mA
One input at 3.4 V,
Outputs disabled
50
50
50
µA
Other inputs at VCC or
Control Inputs
1.5
1.2
1.5
mA
GND(5)
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
6
pF
(1)
All typical values are at VCC = 5 V.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
(3)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(4)
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
(5)
This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
4
Submit Documentation Feedback


Similar Part No. - SN74ABT541BNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT541BNSR TI-SN74ABT541BNSR Datasheet
662Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT541BNSRE4 TI-SN74ABT541BNSRE4 Datasheet
662Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT541BNSRG4 TI-SN74ABT541BNSRG4 Datasheet
662Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT541BNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com