Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3200IGY-2.85-T1 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3200IGY-2.85-T1
Description  OmniPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3200IGY-2.85-T1 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3200IGY-2.85-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3200IGY-2.85-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3200
OmniPower™ LDO Linear Regulator
8
3200.2006.02.1.4
Functional Block Diagram
Over-Current
Protection
Over-Temperature
Protection
V
REF
IN
GND
OUT
Functional Description
The AAT3200 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 150mA for an SC59 package,
or 250mA for a SOT-89 package.
The advanced circuit design of the AAT3200 has
been optimized for use as the most cost-effective
solution.
The typical quiescent current level is
just 20µA and it does not increase with increasing
current load. The LDO also demonstrates excel-
lent PSRR and load and line transient response
characteristics.
The LDO regulator output has been specifically
optimized to function with low-cost, low-ESR
ceramic capacitors. However, the design will allow
for operation with a wide range of capacitor types.
The AAT3200 has complete short-circuit and ther-
mal protection. The integral combination of these
two internal protection circuits gives the AAT3200 a
comprehensive safety system to guard against
extreme adverse operating conditions.
Device
power dissipation is limited to the package type and
thermal dissipation properties. Refer to the Thermal
Considerations section of this datasheet for details
on device operation at maximum output load levels.


Similar Part No. - AAT3200IGY-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200IGY-2.85-T1 ANALOGICTECH-AAT3200IGY-2.85-T1 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200IGY-2.85-T1 ANALOGICTECH-AAT3200IGY-2.85-T1 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results

Similar Description - AAT3200IGY-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200 ANALOGICTECH-AAT3200 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200 ANALOGICTECH-AAT3200_06 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com