Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3215IGV-2.85-T1 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3215IGV-2.85-T1
Description  150mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3215IGV-2.85-T1 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3215IGV-2.85-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3215IGV-2.85-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AAT3215
150mA CMOS High Performance LDO
2
3215.2006.05.1.6
Pin Descriptions
Pin Configuration
SOT23-5
SC70JW-8
(Top View)
(Top View)
OUT
OUT
OUT
GND
EN
IN
IN
BYP 1
2
3
45
6
7
8
GND
OUT
BYP
EN
IN 1
2
3
4
5
Pin #
Symbol
Function
SOT23-5
SC70JW-8
1
5, 6
IN
Input voltage pin; should be decoupled with 1µF or greater
capacitor.
2
8
GND
Ground connection pin.
3
7
EN
Enable pin. When pulled low, the PMOS pass transistor turns
off and all internal circuitry enters low-power mode, consuming
less than 1µA. This pin should not be left floating.
4
1
BYP
Bypass capacitor connection. To improve AC ripple rejection,
connect a 10nF capacitor to GND. This will also provide a soft-
start function.
5
2, 3, 4
OUT
Output pin; should be decoupled with 2.2µF capacitor.


Similar Part No. - AAT3215IGV-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215IGV-2.85-T1 ANALOGICTECH-AAT3215IGV-2.85-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IGV-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com