Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3200IGY-2.4-T1 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3200IGY-2.4-T1
Description  OmniPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3200IGY-2.4-T1 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3200IGY-2.4-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3200IGY-2.4-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AAT3200
OmniPower™ LDO Linear Regulator
6
3200.2006.02.1.4
Typical Characteristics
Unless otherwise noted, V
IN = VOUT + 1V, TA = 25°C; output capacitor is 1µF ceramic, IOUT = 40mA.
0
1
2
3
4
-1
0
1
2
-3
-2
-1
0
1
2
3
4
5
Power-Up With 1mA Load
Time (ms)
2
3
4
-1
0
1
2
3
0
80
160
240
320
Load Transient – 1mA/80mA
Time (ms)
2
3
4
-1
0
1
2
3
0
80
160
240
320
Load Transient – 1mA/40mA
Time (ms)
2.6
2.8
3
3.2
3.4
3.6
3.8
-200
0
200
400
600
800
0
1
2
3
4
5
6
Line Response With 100mA Load
Time (
µs)
2.6
2.8
3
3.2
3.4
3.6
3.8
-200
0
200
400
600
800
0
1
2
3
4
5
6
Line Response With 10mA Load
Time (
µs)
Line Response With 1mA Load
2.6
2.8
3
3.2
3.4
3.6
3.8
-200
0
200
400
600
800
Time (
µs)
0
1
2
3
4
5
6


Similar Part No. - AAT3200IGY-2.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200IGY-2.4-T1 ANALOGICTECH-AAT3200IGY-2.4-T1 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200IGY-2.4-T1 ANALOGICTECH-AAT3200IGY-2.4-T1 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results

Similar Description - AAT3200IGY-2.4-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200 ANALOGICTECH-AAT3200 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3200 ANALOGICTECH-AAT3200_06 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com