Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3167IFO-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3167IFO-T1
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3167IFO-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3167IFO-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3167IFO-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT3167
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
3167.2007.03.1.4
11
Applications Information
LED Selection
Although the AAT3167 is designed for driving white
LEDs, the device also can be used to drive most
types of LEDs with forward voltage specifications
ranging from 2.0V to 4.7V. LED applications may
include main and sub-LCD display backlighting,
camera photo-flash applications, color (RGB)
LEDs, infrared diodes for remotes, and other loads
benefiting from a controlled output current generat-
ed from a varying input voltage. Since the D1 to D5
input current sinks are matched with negligible
voltage dependence, the LED brightness will be
matched regardless of the specific LED forward
voltage (VF) levels.
In some instances (e.g., in high luminous output
applications such as photo flash), it may be neces-
sary to drive high-VF type LEDs. The low-dropout
current sinks in the AAT3167 make it capable of
driving LEDs with forward voltages as high as 4.7V
at full current from an input supply as low as 3.0V.
Outputs can be paralleled to drive high-current
LEDs without complication.
Device Switching Noise Performance
The AAT3167 operates at a fixed frequency of
approximately 1MHz to control noise and limit har-
monics that can interfere with the RF operation of
cellular telephone handsets or other communica-
tion devices. Back-injected noise appearing on the
input pin of the charge pump is 20mV peak-to-
peak, typically ten times less than inductor-based
DC/DC boost converter white LED backlight solu-
tions. The AAT3167 soft-start feature prevents
noise transient effects associated with inrush cur-
rents during start-up of the charge pump circuit.
Capacitor Selection
Careful selection of the four external capacitors
(CIN, C1, C2, COUT) is important because they will
affect turn-on time, output ripple, and transient per-
formance. Optimum performance will be obtained
when low equivalent series resistance (ESR)
(<100m
Ω) ceramic capacitors are used. A value of
1µF for all four capacitors is a good starting point
when choosing capacitors. If the LED current
sources are programmed only for light current lev-
els, then the capacitor size may be decreased.
AS2Cwire Serial Interface Timing
Address
Data
1
EN/SET
2
17
18
Address
Data Reg 1
Data Reg 2
1
2 . . .
n <= 16
0
1
0
0
n
THI
TLO
TLAT
TLAT


Similar Part No. - AAT3167IFO-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3167IFO-T1 ANALOGICTECH-AAT3167IFO-T1 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3167IFO-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com