Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3156ISN-T1 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3156ISN-T1
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3156ISN-T1 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3156ISN-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT3156
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
3156.2005.09.1.2
11
Max Current Register Settings—Address 4
Low Current Register Settings—Address 5
Disabled Current Sinks
Current sink inputs that are not used should be dis-
abled. To disable and properly terminate unused
current sink inputs, they must be tied to V
OUT. If left
unconnected or terminated to ground, the part will
be forced to operate in 2X charge pump mode.
Properly terminating unused current sink inputs is
important to prevent the charge pump modes from
prematurely activating. When properly terminated,
only a small sense current flows for each disabled
channel. The sense current for each disabled chan-
nel is less than 120µA.
The AAT3156 is also equipped with an auto-disable
feature to protect against an LED failure condition.
Thermal Protection
The AAT3156 has a built-in thermal protection cir-
cuit that will shut down the charge pump if the die
temperature rises above the thermal limit, as is the
case during a short circuit of the V
OUT pin.
Applications Information
LED Selection
The AAT3156 is specifically intended for driving
white LEDs. However, the device design will allow
the AAT3156 to drive most types of LEDs with for-
ward voltage specifications ranging from 2.0V to
4.3V. LED applications may include main and sub-
LCD display backlighting, camera photo-flash appli-
cations, color (RGB) LEDs, infrared (IR) diodes for
remotes, and other loads benefiting from a con-
trolled output current generated from a varying input
voltage. Since the D1 to D6 constant current sinks
are matched with negligible voltage dependence,
the LED brightness will be matched regardless of
the specific LED forward voltage (V
F) levels.
In some instances (e.g., in high-luminous-output
applications such as photo flash), it may be neces-
sary to drive high-V
F type LEDs. The low dropout
current sinks in the AAT3156 make it capable of
driving LEDs with forward voltages as high as 4.3V
at full current from an input supply as low as 3.0V.
Current sinks can be paralleled to drive high-cur-
rent LEDs without complication.
Device Switching Noise Performance
The AAT3156 operates at a fixed frequency of
approximately 1MHz to control noise and limit har-
monics that can interfere with the RF operation of
cellular telephone handsets or other communica-
tion devices. Back-injected noise appearing on the
input pin of the charge pump is 20mV peak-to-
peak, typically ten times less than inductor-based
DC/DC boost converter white LED backlight solu-
tions. The AAT3156 soft-start feature prevents
noise transient effects associated with inrush cur-
rents during start-up of the charge pump circuit.
Data
D1-D4 (mA)
D5-D6 (mA)
10
0
20
0
30
0
40
0
5
0
0.05
6
0
0.5
70
1
80
2
9
0.05
0
10
0.5
0
11
1
0
12
2
0
13
0.05
0.05
14
0.5
0.5
15
1
1
16
2
2
Data
Max Current
1
20mA Max Scale
2
30mA Max Scale
3
15mA Max Scale
4
Low Current Mode
1
1. Low Current Mode requires the Max Current register to be set to Low Current Mode. Low Current Mode is unaffected by the settings
for Addresses 1-3.


Similar Part No. - AAT3156ISN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3156ISN-T1 ANALOGICTECH-AAT3156ISN-T1 Datasheet
333Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3156ISN-T1 ANALOGICTECH-AAT3156ISN-T1 Datasheet
340Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results

Similar Description - AAT3156ISN-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com