Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3156ISN-T1 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3156ISN-T1
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3156ISN-T1 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3156ISN-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3156ISN-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The AAT3156 is a low noise, constant frequency
charge pump DC/DC converter that uses a tri-
mode load switch (1X), fractional (1.5X), and dou-
bling (2X) conversion to maximize efficiency for
white LED applications. The AAT3156 is capable of
driving six LED channels at a total of 180mA from
a 2.7V to 5.5V input. The current sinks may be
operated individually or in parallel for driving high-
er-current LEDs. A low external parts count (two
1µF flying capacitors and two small 1µF capacitors
at V
IN and VOUT) make this part ideally suited for
small, battery-powered applications.
AnalogicTech's AS
2Cwire™ (Advanced Simple
Serial Control™) serial digital input is used to
enable, disable, and set current for each LED with
a 16-level logarithmic scale plus four low-current
settings down to 50µA for optimized efficiency, with
a low housekeeping current of only 50µA.
Each output of the AAT3156 is equipped with built-in
protection for V
OUT short circuit and auto-disable for
LED failure conditions. Built-in soft-start circuitry pre-
vents excessive inrush current during start-up. A low-
current shutdown feature disconnects the load from
V
IN and reduces quiescent current to less than 1µA.
The AAT3156 is available in a Pb-free, space-saving,
thermally-enhanced 16-pin 4x4mm QFN package.
Features
•V
IN Range: 2.7V to 5.5V
Fully Programmable Current with Single Wire
— 16-Step Logarithmic Scale
— 15/20/30mA Max Current
— Four Low Current Settings Down to 50µA
— Low I
Q (50µA) for Low Current Mode
Tri-Mode 1X, 1.5X, and 2X Charge Pump for
Maximum Efficiency and V
F Coverage
Drives Six Channels of LEDs
Individual Main/Sub-Group Control
No Inductors, Low Noise Operation
1MHz Constant Switching Frequency
Small Application Circuit
Built-In Thermal Protection
Built-In Auto-Disable For Open Circuit
Automatic Soft Start
•I
Q <1µA in Shutdown
Thermally-Enhanced QFN44-16 Package
Applications
Color (RGB) Lighting
Programmable Current Sinks
White LED Backlighting
White Photo Flash for Digital Still Cameras
AAT3156
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
Typical Application
C1
1
µF
C2
1
µF
D1
D2
D3
D4
D5
D6
COUT
1
µF
CIN
1
µF
2.7V to 5.5V
EN/SET
VIN
EN/SET
C1+
C1-
C2+
C2-
VOUT
D1
D2
D3
D4
D5
D6
GND
AAT3156
3156.2005.09.1.2
1
ChargePump


Similar Part No. - AAT3156ISN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3156ISN-T1 ANALOGICTECH-AAT3156ISN-T1 Datasheet
333Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3156ISN-T1 ANALOGICTECH-AAT3156ISN-T1 Datasheet
340Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results

Similar Description - AAT3156ISN-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com