Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S331JZ Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S331JZ
Description  TRIPLE D FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331JZ Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S331JZ Datasheet HTML 1Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 2Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 3Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 4Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 5Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 6Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 7Page - Micrel Semiconductor SY100S331JZ Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY100S331
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Synchronous Operation
(1)
Inputs
Outputs
MS
MR
Dn
CPn
CPc
SDn
DCn
Qn
Lu
L
L
L
L
Hu
L
L
L
H
LL
u
L
L
L
HL
u
L
L
H
XL
L
L
LQn (t)
XH
X
L
L
Qn (t)
XX
H
L
L
Qn (t)
Asynchronous Operation(1)
Inputs
Outputs
MS
MR
Dn
CPn
CPc
SDn
DCn
Qn (t+1)
XX
X
H
L
H
XX
X
L
H
L
XX
X
H
H
U
NOTE:
1. H = High Voltage Level, L = Low Voltage Level, X = Don't Care, U =
Undefined, t = Time before CP Positive Transition, t+1 = Time after CP
Positive Transition, u = Low-to-High Transition
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TRUTH TABLES
NOTE:
1. H = High Voltage Level, L = Low Voltage Level, X = Don't Care, U =
Undefined, t = Time before CP Positive Transition, t+1 = Time after CP
Positive Transition, u = Low-to-High Transition
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–80
–65
–35
mA
Inputs Open


Similar Part No. - SY100S331JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S331JZ MICREL-SY100S331JZ Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
SY100S331JZTR MICREL-SY100S331JZTR Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
More results

Similar Description - SY100S331JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
logo
National Semiconductor ...
F100131 NSC-F100131 Datasheet
168Kb / 8P
   TRIPLE D FLIP-FLOP
F100331 NSC-F100331 Datasheet
279Kb / 10P
   Low Power Triple D Flip-Flop
100331 NSC-100331 Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
logo
Fairchild Semiconductor
100331 FAIRCHILD-100331 Datasheet
101Kb / 10P
   Low Power Triple D-Type Flip-Flop
logo
National Semiconductor ...
F100135 NSC-F100135 Datasheet
137Kb / 6P
   TRIPLE J-K FLIP-FLOP
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
   D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com