Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3151IFP-T1 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3151IFP-T1
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3151IFP-T1 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3151IFP-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3151IFP-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
3151.2007.03.1.10
3
Absolute Maximum Ratings
1
Thermal Information
3
Symbol
Description
Value
Units
V
IN
Input Voltage
-0.3 to 6
V
V
EN/SET
EN/SET to GND Voltage
-0.3 to V
IN + 0.3
V
I
OUT
2
Maximum DC Output Current
150
mA
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Symbol
Description
Value
Units
P
D
Maximum Power Dissipation
4
2.0
W
θ
JA
Maximum Thermal Resistance
50
°C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on an FR4 board.
4. Derate 20mW/°C above 25°C.


Similar Part No. - AAT3151IFP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151IWP-T1 ANALOGICTECH-AAT3151IWP-T1 Datasheet
418Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results

Similar Description - AAT3151IFP-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com