Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S318JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S318JC
Description  5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S318JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S318JC Datasheet HTML 1Page - Micrel Semiconductor SY100S318JC Datasheet HTML 2Page - Micrel Semiconductor SY100S318JC Datasheet HTML 3Page - Micrel Semiconductor SY100S318JC Datasheet HTML 4Page - Micrel Semiconductor SY100S318JC Datasheet HTML 5Page - Micrel Semiconductor SY100S318JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100S318
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
Propagation Delay and Transition Times
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
–1.69V
Note:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND


Similar Part No. - SY100S318JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S318JC MICREL-SY100S318JC Datasheet
96Kb / 5P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318JC MICREL-SY100S318JC Datasheet
78Kb / 4P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318JCTR MICREL-SY100S318JCTR Datasheet
96Kb / 5P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318JCTR MICREL-SY100S318JCTR Datasheet
78Kb / 4P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
More results

Similar Description - SY100S318JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S318 MICREL-SY100S318 Datasheet
96Kb / 5P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318 MICREL-SY100S318_07 Datasheet
78Kb / 4P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S317 MICREL-SY100S317_07 Datasheet
79Kb / 4P
   TRIPLE 2-WIDE OA/OAI GATE
SY100S317 MICREL-SY100S317 Datasheet
96Kb / 5P
   TRIPLE 2-WIDE OA/OAI GATE
SY100S317 MICREL-SY100S317_06 Datasheet
86Kb / 6P
   TRIPLE 2-WIDE OA/OAI GATE
logo
NXP Semiconductors
100118 PHILIPS-100118 Datasheet
248Kb / 5P
   Quint 2-4-4-4-5 Input OR-AND Gate
June 14 1990
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H109 ONSEMI-MC10H109 Datasheet
94Kb / 3P
   Dual 4-5-Input OR/NOR Gate
REV 5
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
   Dual 4-5- Input OR/NOR Gate
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com