Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S317FCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S317FCTR
Description  TRIPLE 2-WIDE OA/OAI GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S317FCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S317FCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S317FCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S317FCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S317FCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S317FCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S317FCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100S317
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
Propagation Delay and Transition Times
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
–1.69V
Note:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND


Similar Part No. - SY100S317FCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S317FC MICREL-SY100S317FC Datasheet
96Kb / 5P
   TRIPLE 2-WIDE OA/OAI GATE
More results

Similar Description - SY100S317FCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S317 MICREL-SY100S317_07 Datasheet
79Kb / 4P
   TRIPLE 2-WIDE OA/OAI GATE
SY100S317 MICREL-SY100S317 Datasheet
96Kb / 5P
   TRIPLE 2-WIDE OA/OAI GATE
SY100S318 MICREL-SY100S318 Datasheet
96Kb / 5P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318 MICREL-SY100S318_06 Datasheet
85Kb / 6P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318 MICREL-SY100S318_07 Datasheet
78Kb / 4P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
   Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
logo
National Semiconductor ...
DM7451 NSC-DM7451 Datasheet
56Kb / 3P
   Dual 2-Wide, 2-Input AOI Gate
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com