Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3123 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3123
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3123 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3123 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AAT3123/23A/24
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
3123.2005.12.1.4
5
Typical Characteristics
Unless otherwise noted, V
IN = 3.5V, CIN = COUT = C1 = C2 = 1µF, TA = 25°C.
V
IH and VIL vs. VIN
0.600
0.625
0.650
0.675
0.700
0.725
0.750
0.775
0.800
0.825
0.850
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
VIH
VIL
Quiescent Current vs. Input Voltage
Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VDIODE = 3.0V
VDIODE = 3.2V
VDIODE = 3.4V
I
DIODE vs. Input Voltage
(4x10mA)
Input Voltage (V)
35
40
45
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VDIODE = 3.0V
VDIODE = 3.2V
VDIODE = 3.4V
I
DIODE vs. Input Voltage
(4x20mA)
Input Voltage (V)
60
65
70
75
80
85
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VDIODE = 3.0V
VDIODE = 3.2V
VDIODE = 3.4V
Efficiency vs. Input Voltage
(4x10mA)
Input Voltage (V)
50
55
60
65
70
75
80
85
90
95
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VDIODE = 3.2V
VDIODE = 3.4V
VDIODE = 3.0V
Efficiency vs. Input Voltage
(4x20mA)
Input Voltage (V)
50
55
60
65
70
75
80
85
90
95
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VDIODE = 3.0V
VDIODE = 3.2V
VDIODE = 3.4V


Similar Part No. - AAT3123

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123A ANALOGICTECH-AAT3123A Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123AITP-20-T1 ANALOGICTECH-AAT3123AITP-20-T1 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123ITP-20-T1 ETC-AAT3123ITP-20-T1 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3123

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com