Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S314JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S314JC
Description  QUINT DIFFERENTIAL LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S314JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S314JC Datasheet HTML 1Page - Micrel Semiconductor SY100S314JC Datasheet HTML 2Page - Micrel Semiconductor SY100S314JC Datasheet HTML 3Page - Micrel Semiconductor SY100S314JC Datasheet HTML 4Page - Micrel Semiconductor SY100S314JC Datasheet HTML 5Page - Micrel Semiconductor SY100S314JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100S314
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
1000
300
1000
300
1000
ps
tPHL
Data to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
LOGIC EQUATION
O = D
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VDIFF
Input Voltage Differential
150
——
mV
Required for Full Output Swing
VCM
Common Mode Voltage
——
1.0
V
Permissible
±VCM with
Respect to VBB
IIH
Input HIGH Current
——
50
µAVIN = VIH (Max.), Da - De =
VBB, Da - De = VIL (Min.)
ICBO
Input Leakage Current
–10
——
µAVIN = VEE, Da - De = VBB,
Da - De = VIL (Min.)
IEE
Power Supply Current
–60
–45
–30
mA
Da - De = VBB, Da - De = VIL (Min.)
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
PLCC
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
900
300
900
300
900
ps
tPHL
Data to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%


Similar Part No. - SY100S314JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S314JC MICREL-SY100S314JC Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314JC MICREL-SY100S314JC Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314JCTR MICREL-SY100S314JCTR Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314JCTR MICREL-SY100S314JCTR Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SY100S314JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116_06 Datasheet
63Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 2
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314 Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
F100114 NSC-F100114 Datasheet
113Kb / 4P
   Quint Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com