Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3110IGU-5.0-T1 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3110IGU-5.0-T1
Description  MicroPower??Regulated Charge Pump
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3110IGU-5.0-T1 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3110IGU-5.0-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3110IGU-5.0-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AAT3110
MicroPower™ Regulated Charge Pump
6
3110.2005.11.1.4
Typical Characteristics — AAT3110-5V
Unless otherwise noted, V
IN = 3V, CIN = COUT = 10µF, CFLY = 1µF, TA = 25°C.
Output Ripple with IOUT = 100mA
Time (2
µs/div)
VOUT
AC
Coupled
(10 mV/div)
VIN = 3.0V
Output Ripple with IOUT = 50mA
Time (2
µs/div)
VOUT
AC
Coupled
(10 mV/div)
VIN = 3.0V
Load Transient Response for 100mA
Time (50
µs/div)
IOUT
0mA to
100 mA
(50mA/div)
VOUT
AC
Coupled
(20mV/div)
VIN = 3.0V
Load Transient Response for 50mA
Time (50
µs/div)
IOUT
0mA to
50mA
(20mA/div)
VOUT
AC
Coupled
(20mV/div)
VIN = 3.0V
Startup Time with 100mA Load
Time (50
µs/div)
SHDN
(2V/div)
(1V/div)
VOUT
Startup Time with 50mA Load
Time (50
µs/div)
SHDN
(2V/div)
VOUT
(1V/div)


Similar Part No. - AAT3110IGU-5.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110IGU-5-T1 ANALOGICTECH-AAT3110IGU-5-T1 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
More results

Similar Description - AAT3110IGU-5.0-T1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com