Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA2R512NTFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S48SA2R512NTFA
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA2R512NTFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S48SA2R512NTFA Datasheet HTML 1Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 2Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SA2R512NTFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_S48SA1R212_05122006
Delta Electronics, Inc.
Delphi Series S48SA, 33W Family
DC/DC Power Modules: 48V in, 1.2V/12A out
The Delphi Series S48SA, surface mountable, 48V input, single
output, isolated DC/DC converters are the latest offering from a
world leader in power system and technology and manufacturing –
Delta Electronics, Inc. This product family provides up to 33 watts
of power or up to 12A of output current (1.8V or below). With
creative design technology and optimization of component
placement, these converters possess outstanding electrical and
thermal performance, as well as extremely high reliability under
highly stressful operating conditions. All models are protected from
abnormal input/output voltage and current conditions.
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
Positive on/off logic
SMD or Through hole mounting
FEATURES
High efficiency: 84% @ 1.2V/ 12A
Size: 47.2mm x 29.5mm x 8.35mm
(1.86" x 1.16" x 0.33")
Low profile: 0.33"
Industry standard footprint and pin out
Surface mountable
Fixed frequency operation
Input UVLO, Output OCP, OVP
No minimum load required
2:1 input voltage range
Basic insulation
ISO 9001, TL 9000, ISO 14001,
QS9000, OHSAS18001 certified
manufacturing facility
UL/cUL 60950 (US & Canada)
recognized, and TUV (EN60950) certified
CE mark meets 73/23/EEC and
93/68/EEC directive


Similar Part No. - S48SA2R512NTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA2R510NRFA DELTA-S48SA2R510NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA2R510NRFA DELTA-S48SA2R510NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA2R510NRFA DELTA-S48SA2R510NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA2R512NTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com