Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2506IWP-AI-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT2506IWP-AI-T1
Description  1MHz Step-Down Converter/LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2506IWP-AI-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT2506IWP-AI-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2506IWP-AI-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
LDO Initial Power-Up Response Time
(CBYP = 10nF; EN = GND; ENLDO = VIN)
400
μμs/div
VENLDO (5V/div)
VOUT (1V/div)
LDO Dropout Voltage vs. Temperature
(EN = GND; ENLDO = VIN)
0
60
120
180
240
300
360
420
480
540
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
Temperature (
°C)
IL = 300mA
IL = 150mA
IL = 100mA
IL = 50mA
LDO Ground Current vs. Input Voltage
(EN = GND; ENLDO = VIN)
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
2
2.5
3
3.5
4.5
45
Input Voltage (V)
IOUT=0mA
IOUT=10mA
IOUT=50mA
IOUT=150mA
IOUT=300mA
LDO Dropout Voltage vs. Output Current
(EN = GND; ENLDO = VIN)
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
-40°C
LDO Dropout Characteristics
(EN = GND; ENLDO = VIN)
2.00
2.20
2.40
2.60
2.80
3.00
3.20
2.70
2.80
2.90
3.00
3.10
3.20
3.30
Input Voltage (V)
IOUT = 300mA
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
IOUT = 0mA
LDO Dropout Voltage vs. Temperature
(EN = GND; ENLDO = VIN)
0
60
120
180
240
300
360
420
480
540
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
Temperature (
°C)
IL = 300mA
IL = 150mA
IL = 100mA
IL = 50mA
AAT2506
1MHz Step-Down Converter/LDO Regulator
6
2506.2006.05.1.3


Similar Part No. - AAT2506IWP-AI-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506IWP-AI-T1 ANALOGICTECH-AAT2506IWP-AI-T1 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
More results

Similar Description - AAT2506IWP-AI-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506 Datasheet
558Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
logo
Advanced Analogic Techn...
AAT2500 ANALOGICTECH-AAT2500 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com