Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2511IWP-AA-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2511IWP-AA-T1
Description  Dual 600mA, 1MHz Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2511IWP-AA-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2511IWP-AA-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2511IWP-AA-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics1
TA = -40°C to 85°C, unless otherwise noted. Typical values are TA = 25°C, VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
Step-Down Converter Channels
VIN
Input Voltage
2.7
5.5
V
VIN Rising
2.6
V
VUVLO
UVLO Threshold
Hysteresis
100
mV
VIN Falling
1.8
V
VOUT
Output Voltage Tolerance
IOUT = 0 to 400mA, VIN = 2.7 - 5.5V -3.0
+3.0
%
VOUT
Output Voltage Range
0.6
VIN
V
IQ
Quiescent Current
No Load, 0.6V Adjustable Version,
25
50
µA
Per Channel
ISHDN
Shutdown Current
EN = SGND = GND
1.0
µA
ILIM
P-Channel Current Limit
600
mA
RDS(ON)H
High Side Switch On Resistance
0.45
Ω
RDS(ON)L
Low Side Switch On Resistance
0.4
Ω
ILXLK
LX Leakage Current
VIN = 5.5V, VLX = 0 to VIN,
1µA
EN = SGND = GND
ΔVLinereg
Line Regulation
VIN = 2.7V to 5.5V
0.2
%/V
VFB
FB Threshold Voltage Accuracy
0.6V Output, No Load, TA = 25°C
591
600
609
mV
TS
Start-Up Time
From Enable to Output Regulation
100
µs
FOSC
Oscillator Frequency
TA = 25°C
0.7
1.0
1.5
MHz
TSD
Over-Temperature Shutdown
140
°C
Threshold
THYS
Over-Temperature Shutdown
15
°C
Hysteresis
EN
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input Low Current
VIN = VFB = 5.5V
-1.0
1.0
µA
AAT2511
Dual 600mA, 1MHz Step-Down DC/DC Converter
4
2511.2006.05.1.4
1. The AAT2511 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. For adjustable version with higher than 2.5V output, please consult your AnalogicTech representative.


Similar Part No. - AAT2511IWP-AA-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2511IWP-AA-T1 ANALOGICTECH-AAT2511IWP-AA-T1 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511IWP-AA-T1 SKYWORKS-AAT2511IWP-AA-T1 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
More results

Similar Description - AAT2511IWP-AA-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
   600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com