Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2506IWP-AN-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2506IWP-AN-T1
Description  1MHz Step-Down Converter/LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2506IWP-AN-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2506IWP-AN-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2506IWP-AN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AAT2506
1MHz Step-Down Converter/LDO Regulator
2506.2006.05.1.3
1
SystemPower
Typical Application
AAT2506 Step-Down Converter Efficiency
(VOUT = 2.5V; L = 10
μμH)
Output Current (mA)
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.3V
4.7
μH
L1
C1
22
μF
2.2
μF
C4
10
μF
C3
10nF
C5
PGND
1
LX
2
VP
3
VCC
4
ENLDO
9
EN
10
FB
11
SGND
12
VLDO
5
OUT
6
GND
8
BYP
7
AAT2506
U1
L1 Sumida CDRH3D16-4R7
C1 Murata GRM219R61A475KE19
C3 Murata GRM21BR60J106KE19
VIN = 2.7V to 5.5V
3.3V at 300mA
General Description
The AAT2506 is a member of AnalogicTech's Total
Power Management IC™ (TPMIC™) product fam-
ily. It is a low dropout (LDO) linear regulator and a
step-down converter with an input voltage range of
2.7V to 5.5V, making it ideal for applications with
single lithium-ion/polymer batteries.
The LDO has an independent input and is capable
of delivering up to 300mA. The linear regulator has
been designed for high-speed turn-on and turn-off
performance, fast transient response, and good
power supply rejection ratio (PSRR). Other fea-
tures include low quiescent current and a low
dropout voltage.
The AAT2506 is available in either a fixed version
with internal feedback or a programmable version
with external feedback resistors. It can deliver
600mA of load current while maintaining a low
25µA no load quiescent current. The 1MHz switch-
ing frequency minimizes the size of external com-
ponents while keeping switching losses low. The
AAT2506 feedback and control delivers excellent
load regulation and transient response with a small
output inductor and capacitor.
The AAT2506 is designed to maintain high efficien-
cy throughout the operating range, which is critical
for portable applications.
The AAT2506 is available in a 12-pin TDFN33
package, and is rated over a temperature range of
-40°C to +85°C.
Features
•VIN Range: 2.7V to 5.5V
•VOUT Range: 0.6V to VIN
300mA LDO Current Output
400mV LDO Dropout Voltage at 300mA
High Output Accuracy: ±1.5%
Fast LDO Line / Load Transient Response
600mA, 97% Efficiency Step-Down Converter
Fast Turn-On Time (100µs Typical)
25µA No Load Quiescent Current for Step-
Down Converter
Shutdown Current <1µA
Low RDS(ON) 0.4Ω Integrated Power Switches
100% Duty Cycle Low Dropout Operation
1MHz Switching Frequency
100µs Typical Soft Start
Over-Temperature Protection
Current Limit Protection
Available in TDFN33-12 Package
-40°C to +85°C Temperature Range
Applications
Cellular Phones
Digital Cameras
Handheld Instruments
Microprocessor/DSP Core/IO Power
PDAs and Handheld Computers
Portable Media Players


Similar Part No. - AAT2506IWP-AN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506IWP-AN-T1 ANALOGICTECH-AAT2506IWP-AN-T1 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT2506IWP-AN-T1 SKYWORKS-AAT2506IWP-AN-T1 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
More results

Similar Description - AAT2506IWP-AN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506 Datasheet
558Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
logo
Advanced Analogic Techn...
AAT2500 ANALOGICTECH-AAT2500 Datasheet
862Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com