Part Name
         Description
SY100E222L_06

 3.3V, 1.5GHz ÷1/÷2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER ( 7 Page)


MICREL
100% 
Zoom Out Zoom In
   
 5 page
background image



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89221UPrecision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
MC100LVEL37_063.3V ECL 1:4 ÷1/÷2 Clock Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L6112.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
SY89875U2.5V 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
MC10EP51_063.3V / 5V ECL D Flip−Flop with Reset and Differential Clock 1 2 3 4 5 MoreON Semiconductor
MC100LVE222_053.3 V/5.0 V ECL 1:15 Differential ÷1/÷2 Clock Driver 1 2 3 4 5 MoreON Semiconductor
NB6L11M2.5V / 3.3V 1:2 Differential CML Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10EP52_063.3V / 5V ECL Differential Data and Clock D Flip−Flop 1 2 3 4 5 MoreON Semiconductor
MC100LVE210_063.3V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl