Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2510 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2510
Description  Dual 400mA, 1MHz Step-Down DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2510 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2510_06 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2510_06 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AAT2510
Dual 400mA, 1MHz Step-Down DC-DC Converter
2510.2006.05.1.10
1
SystemPower
General Description
The AAT2510 is a member of AnalogicTech's Total
Power Management IC™ (TPMIC™) product fam-
ily. It is comprised of two 1MHz step-down con-
verters designed to minimize external component
size and cost. The input voltage ranges from 2.7V
to 5.5V. The output voltage ranges from 0.6V to the
maximum applied input voltage and is either fixed
or externally adjustable.
Peak current mode control with internal compensa-
tion provides a stable converter with low ESR ceram-
ic output capacitors for extremely low output ripple.
Each channel has a low 25µA quiescent operating
current, which is critical for maintaining high effi-
ciency at light load.
For maximum battery life, each converter's high-
side P-channel MOSFET conducts continuously
when the input voltage approaches dropout (100%
duty cycle operation).
Both regulators have independent input and
enable inputs.
The AAT2510 is available in a thermally-enhanced
12-pin TDFN33 package, and is rated over the -40°C
to +85°C temperature range.
Features
Up to 96% Efficiency
25µA Quiescent Current Per Channel
•VIN Range: 2.7V to 5.5V
Fixed VOUT Range: 0.6V to VIN
Adjustable VOUT Range: 0.6V to 2.5V
Output Current: 400mA
Low RDS(ON) 0.4Ω Integrated Power Switches
Low Drop Out 100% Duty Cycle
1.0MHz Switching Frequency
Shutdown Current <1µA
Current Mode Operation
Internal Reference Soft Start
Short-Circuit Protection
Over-Temperature Protection
3mm x 3mm, < 1mm high
TDFN33-12 Package
-40°C to +85°C Temperature Range
Applications
Cellular Phones
Digital Cameras
Handheld Instruments
Microprocessor/DSP Core/IO Power
PDAs and Handheld Computers
Portable Media Players
Typical Application
AAT2510 Efficiency
Load Current (mA)
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
2.5V
1.8V
VIN = 3.3V with unloaded output disabled
4.7
μH
L1
4.7
μF
C1
2.5V at 400mA
4.7
μH
L2
4.7
μF
C2
1.8V at 400mA
10
μF
C3
VIN = 2.7 - 5.5V
0.1
μF
C8
FB1
2
EN1
1
LX1
11
GND2
7
LX2
8
GND1
10
SGND1
3
VIN1
12
VIN2
9
SGND2
6
FB2
5
EN2
4
AAT2510
U1
L1,L2 Sumida CDRH3D16-4R7 C1,C2 Murata GRM219R61A475KE19
C3 Murata GRM21BR60J106KE19


Similar Part No. - AAT2510_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510IWP-AA-T1 ANALOGICTECH-AAT2510IWP-AA-T1 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510IWP-AA-T1 SKYWORKS-AAT2510IWP-AA-T1 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510IWP-AW-T1 ANALOGICTECH-AAT2510IWP-AW-T1 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510IWP-AW-T1 SKYWORKS-AAT2510IWP-AW-T1 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510IWP-IE-T1 ANALOGICTECH-AAT2510IWP-IE-T1 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
More results

Similar Description - AAT2510_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2511_0605 ANALOGICTECH-AAT2511_0605 Datasheet
591Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com