Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1230 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT1230
Description  18V 100mA Step-Up Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1230 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT1230 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1230 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics1
TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C, VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
Power Supply
VIN
Input Voltage Range
2.7
5.5
V
VOUT(MAX)
Maximum Output Voltage
18
V
VIN Rising
2.7
V
VUVLO
UVLO Threshold
Hysteresis
150
mV
VIN Falling
1.8
V
SEL = GND, VOUT = 14V,
2.0
mA
IQ
Quiescent Current
IOUT = 0, Switching2
SEL = GND, FB2 = 1.5V,
40
70
µA
Not Switching
ISHDN
VIN Pin Shutdown Current
EN/SET = GND
1.0
µA
IOUT
Output Current
2.7V < VIN < 5.5V, VOUT = 18V
100
mA
FB1
FB1 Reference Voltage
IOUT = 0 to 100mA, VIN = 2.7V
1.164
1.2
1.236
V
to 5.0V, SEL = High
FB2
FB2 Reference Voltage
IOUT = 0 to 100mA, VIN = 2.7V
0.582
0.6
0.618
V
to 5.0V, SEL = Low
ΔVLOADREG
Load Regulation
IOUT = 0 to 100mA
0.01
%/mA
ΔVLINEREG/
Line Regulation
VIN = 2.7V to 5.5V
0.6
%/V
ΔVIN
RDS(ON)L
Low Side Switch On Resistance
0.06
Ω
RDS(ON)IN
Input Disconnect Switch
0.18
Ω
On Resistance
TSS
Soft-Start Time
From Enable to Output
AAT1230
0.35
ms
Regulation;VOUT = 15V AAT1230-1
3.5
ms
TSD
Over-Temperature Shutdown
140
°C
Threshold
THYS
Shutdown Hysteresis
15
°C
ILIM
N-Channel Current Limit
VIN = 3.6V
3.0
A
SEL, EN/SET
VSEL(L)
SEL Threshold Low
VIN = 2.7V
0.4
V
VSEL(H)
SEL Threshold High
VIN = 5.5V
1.4
V
VEN/SET(L)
Enable Threshold Low
VIN = 2.7V
0.4
V
VEN/SET(H)
Enable Threshold High
VIN = 5.5V
1.4
V
TEN/SET LO
EN/SET Low Time
0.3
75
µs
TEN/SET HI MIN
Minimum EN/SET High Time
50
ns
TEN/SET HI MAX Maximum EN/SET High Time
75
µs
TOFF
EN/SET Off Timeout
500
µs
TLAT
EN/SET Latch Timeout
500
µs
IEN/SET
EN/SET Input Leakage
-1
1
µA
AAT1230/1230-1
18V 100mA Step-Up Converter
4
1230.2006.10.1.4
1. The AAT1230/1230-1 is guaranteed to meet performance specifications from 0°C to 70°C. Specification over the -40°C to +85°C
operating temperature range is assured by design, characterization, and correlation with statistical process controls.
2. Total input current with prescribed FB resistor network can be reduced with larger resistor values.


Similar Part No. - AAT1230

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1230 SKYWORKS-AAT1230 Datasheet
1Mb / 21P
   18V, 100mA Step-Up Converter
June 12, 2012
logo
Advanced Analogic Techn...
AAT1230-1 ANALOGICTECH-AAT1230-1 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
AAT1230IRN ANALOGICTECH-AAT1230IRN Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
AAT1230IRN-T1 ANALOGICTECH-AAT1230IRN-T1 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
More results

Similar Description - AAT1230

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
AAT1230 ANALOGICTECH-AAT1230_07 Datasheet
458Kb / 21P
   18V 100mA Step-Up Converter
AAT1232 ANALOGICTECH-AAT1232 Datasheet
442Kb / 17P
   24V 100mA Step-Up Converter
AAT1232 ANALOGICTECH-AAT1232_07 Datasheet
370Kb / 18P
   24V 100mA Step-Up Converter
logo
SiGe Semiconductor, Inc...
AATIAN35 SIGE-AATIAN35 Datasheet
362Kb / 6P
   18V/10V 100mA Boost Converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
   18V, High Efficiency, DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com