Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1210 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT1210
Description  High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1210 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT1210 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1210 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The AAT1210 is a high power DC/DC boost (step-up)
converter with an input voltage range from 2.7 to
5.5V. The output voltage can be set from VIN + 0.5V
to 18V. The total solution is less than 1mm in height.
High operating efficiency makes the AAT1210 the
ideal solution for battery powered and consumer
applications.
The step-up converter operates at frequencies up to
2MHz, enabling ultra-small external filtering compo-
nents. Hysteretic current mode control provides
excellent transient response with no external com-
pensation, achieving stability across a wide operating
range with minimal design effort.
The AAT1210 true load disconnect feature extends
battery life by isolating the load from the power
source when the EN/SET pin is pulled low, ensuring
zero volts output during the disable state. This fea-
ture eliminates the external boost converter leakage
path and achieves standby quiescient current <1µA
without an external switching device.
A fixed output voltage is set using two external resis-
tors. Alternatively, the output may be adjusted dynami-
cally across a 2.0x range. The output can toggle
between two preset voltages using the SEL logic pin.
Optionally, the output can be dynamically set to any
one of 16 programmed levels using AnalogicTech's
patented Simple Serial Control™ (S2Cwire™) interface.
The AAT1210 is available in a Pb-free, thermally-
enhanced 16-pin 3x4mm TDFN low-profile package
and is rated over the -40°C to +85°C temperature
range.
Features
•VIN Range: 2.7V to 5.5V
Maximum Continuous Output
— 900mA at 5V
— 300mA at 12V
— 150mA at 18V
Up to 2MHz Switching Frequency
Ultra-Small Inductor and Capacitors
— 1mm Height Inductor
— Small Ceramic Capacitors
Hysteretic Current Mode Control
— No External Compensation
— Excellent Transient Response
— High Efficiency at Light Load
Up to 90% Efficiency
Integrated Low RDS(ON) MOSFET Switches
Low Inrush with Integrated Soft Start
Cycle-by-Cycle Current Limit
Short-Circuit and Over-Temperature Protection
True Load Disconnect
Optional Dynamic Voltage Programming
TDFN34-16 Package
-40°C to +85°C Temperature Range
Applications
GPS Systems
DVD Blu-Ray
Handheld PCs
PDA Phones
Portable Media Players
USB OTG
AAT1210
High Power DC/DC Boost Converter
with Optional Dynamic Voltage Programming
Typical Application
AAT1210 Boost Converter Output Capability
(TDFN34-16; TAMB = 25
°°C; T
C(RISE) = +50
°C)
Output Voltage (V)
0
200
400
600
800
1000
1200
1400
56
7
8
9
10
11
12 13
14
15
16
17
18
7
VIN = 4.5V
VIN = 3.6V
VIN = 2.7V
FB2
VIN
EN/SET
GND
FB1
LIN
SW
D1
SEL
AAT1210
TDFN34-16
L1
0.47µH
VOUT
5V @ 900mA
VIN
3.6V
C1
4.7µF
0603
R3
4.99k
Ω
R2
40.2k
Ω
C2
10µF
0603
1210.2007.02.1.2
1
SwitchReg


Similar Part No. - AAT1210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1210 SKYWORKS-AAT1210 Datasheet
1Mb / 21P
   High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
June 12, 2012
AAT1210IRN-0.6-T1 SKYWORKS-AAT1210IRN-0.6-T1 Datasheet
1Mb / 21P
   High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming
June 12, 2012
More results

Similar Description - AAT1210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
   Micro-Power Boost DC/DC Converter
G5135 GMT-G5135 Datasheet
114Kb / 1P
   Micro-Power Boost DC/DC Converter
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
   Low Power DC/DC Boost Converter
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com