Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP31VZC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP31VZC
Description  5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP31VZC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP31VZC Datasheet HTML 1Page - Micrel Semiconductor SY10EP31VZC Datasheet HTML 2Page - Micrel Semiconductor SY10EP31VZC Datasheet HTML 3Page - Micrel Semiconductor SY10EP31VZC Datasheet HTML 4Page - Micrel Semiconductor SY10EP31VZC Datasheet HTML 5Page - Micrel Semiconductor SY10EP31VZC Datasheet HTML 6Page - Micrel Semiconductor SY10EP31VZC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ECL Pro™
SY10EP31V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Frequency(2)
3—
—3—
3—
GHz
tPD
Propagation Delay to Output
ps
CLK
➝ Q, /Q
250
330
400
270
340
410
300
370
440
SET, RESET
➝ Q, /Q
230
380
450
230
400
410
230
430
500
tRR
Set/Reset Recovery
225
225
225
ps
tS
Setup Time
100
100
100
ps
tH
Hold Time
150
150
150
ps
tPW
Minimum Pulse Width
ps
SET, RESET
550
450
550
450
550
450
ps
tJITTER
Cycle-to-Cycle RMS Jitter
0.2
<1.0
0.2
<1.0
0.2
<1.0
psRMS
tr
Output Rise/Fall Times
Q, /Q
50
120
180
60
130
200
70
150
220
ps
tf
(20% to 80%)
Note 1.
Measured using a 750mV source, 50% duty cycle clock source. All loading with 50Ω to VCC –2.0V.
Note 2.
f
MAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
AC ELECTRICAL CHARACTERISTICS(1)
NECL operation: V
CC = 0V, VEE = –3.3V to –5.0V ±10%; PECL operation: VEE = 0V, VCC = +3.3V to +5.0V ±10%.


Similar Part No. - SY10EP31VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP31VZC MICREL-SY10EP31VZC Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VZCTR MICREL-SY10EP31VZCTR Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY10EP31VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP31V MICREL-SY10EP31V Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com