Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1150IKS-3.3-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT1150IKS-3.3-T1
Description  1MHz 1A Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1150IKS-3.3-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT1150IKS-3.3-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1150IKS-3.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SwitchReg
AAT1150
1MHz 1A Step-Down DC/DC Converter
1150.2006.09.1.5
1
General Description
The AAT1150 SwitchReg™ is a step-down switch-
ing converter ideal for applications where high effi-
ciency, small size, and low ripple are critical. Able
to deliver 1A with internal power MOSFETs, the
current-mode controlled IC provides high efficiency
using synchronous rectification.
Fully internally
compensated, the AAT1150 simplifies system
design and lowers external parts count.
The AAT1150 is available in a Pb-free MSOP-8
package and is rated over the -40°C to +85°C tem-
perature range.
Features
•VIN Range: 2.7V to 5.5V
Up to 95% Efficiency
110m
Ω RDS(ON) MOSFET Switch
<1.0μA of Shutdown Current
1MHz Switching Frequency
Fixed or Adjustable VOUT: 1.0V to 4.2V
High Initial Accuracy: ±1%
1.0A Peak Current
Integrated Power Switches
Synchronous Rectification
Internally Compensated Current Mode Control
Constant PWM Mode for Low Output Ripple
Internal Soft Start
Current Limit Protection
Over-Temperature Protection
MSOP-8 package
-40°C to +85°C Temperature Range
Applications
Cable/DSL Modems
Computer Peripherals
High Efficiency Conversion From 5V or 3.3V
Supply
Network Cards
Set-Top Boxes
Typical Application
OUTPUT
4.1
μH
3x 22
μF
10
μF
0.1
μF
100
Ω
LX
VP
INPUT
FB
SGND
AAT1150
ENABLE
VCC
PGND


Similar Part No. - AAT1150IKS-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150IKS-3.3-T1 ANALOGICTECH-AAT1150IKS-3.3-T1 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1150IKS-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com