Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1154IAS-1.0-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1154IAS-1.0-T1
Description  1MHz 3A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1154IAS-1.0-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1154IAS-1.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1154IAS-1.0-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT1154
1MHz 3A Step-Down DC/DC Converter
10
1154.2006.09.1.6
Inductor
The output inductor is selected to limit the ripple
current to 20% to 40% of full load current at the
maximum input voltage. Manufacturer's specifica-
tions list both the inductor DC current rating, which
is a thermal limitation, and the peak current rating,
which is determined by the inductor saturation
characteristics. The inductor should not show any
appreciable saturation under normal load condi-
tions. During overload and short-circuit conditions,
the inductor can exceed its peak current rating
without affecting converter performance. Some
inductors may have sufficient peak and average
current ratings yet result in excessive losses due to
a high DC resistance (DCR). The losses associat-
ed with the DCR and its effect on the total convert-
er efficiency must be considered.
For a 3A load and the ripple current set to 30% at the
maximum input voltage, the maximum peak-to-peak
ripple current is 0.9A. Assuming a 5V ±5% input volt-
age and 30% ripple, the output inductance required is:
The factor "k" is the fraction of the full load (30%)
selected for the ripple current at the maximum input
voltage.
The corresponding inductor RMS current is:
ΔI is the peak-to-peak ripple current which is fixed by
the inductor selection above. For a peak-to-peak
current of 30% of the full load current, the peak cur-
rent at full load will be 115% of the full load. The
1.5µH inductor selected from the Sumida
CDRH6D38 series has a 11m
Ω DCR and a 4.0A DC
current rating with a height of 4mm. At full load, the
inductor DC loss is 99mW for a 1% loss in efficiency.
2
2
3
12
RMS
O
O
I
II
I
A
⎛⎞
Δ
=+
=
⎝⎠
L =
· 1 -
V
OUT
V
OUT
I
OUT · k · FS
V
IN(MAX)
=
· 1 -
3.3V
3.3V
3A · 0.3 · 1MHz
5.25V
⎛⎞
⎝⎠
⎛⎞
⎝⎠
= 1.36
μH
Figure 1: 3.3V, 3A Output.
D1
B340LA
L1
1.5µH
C2
120µF
C1
10µF
VP
VCC
EN
GND
FB
LX
LX
VP
U1
AAT1154-3.3
R1
100
C3
0.1µF
C3 0.1µF 0603ZD104M AVX
L1 CDRH6D28-1.5µH Sumida
D1 B340LA Diodes Inc.
R2
100k
C1 Murata 10µF 6.3V X5R GRM42-6X5R106K6.3
C2 MuRata 100µF 6.3V GRM43-2 X5R 107M 100µF 6.3V (two or three in parallel)
VIN 3.5V to 5.5V
VOUT 3.3V @ 3A
rtn
C4
100µF
C4 Vishay Sprague 100µF 16V 595D107X0016C 100µF 16V
C2 Vishay120µF 6.3V 594D127X96R6R3C2T
Options
C2 TDK 100µF 6.3V C3325X5R0J107M 100µF 6.3V (two or three in parallel)
+
-


Similar Part No. - AAT1154IAS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results

Similar Description - AAT1154IAS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com