Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1151 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1151
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1151_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Characteristics
Output Ripple
Circuit of Figure 1
0
5
10
15
20
1
10
100
1000
Output Current (mA)
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Soft Start 1.8V, 0.7A, V
IN = 3.6V
Circuit of Figure 1
Time (200
μμs/div)
-4
-3
-2
-1
0
1
2
3
4
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
AAT1151
850kHz 700mA Synchronous
Buck DC/DC Converter
1151.2007.01.1.6
7


Similar Part No. - AAT1151_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151IKS-1.0-T1 ANALOGICTECH-AAT1151IKS-1.0-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151IKS-1.8-T1 ANALOGICTECH-AAT1151IKS-1.8-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151IKS-1.8-T1 SKYWORKS-AAT1151IKS-1.8-T1 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1151IKS-2.5-T1 ANALOGICTECH-AAT1151IKS-2.5-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151IKS-3.3-T1 ANALOGICTECH-AAT1151IKS-3.3-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com