Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H842ZHTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10H842ZHTR
Description  SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H842ZHTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10H842ZHTR Datasheet HTML 1Page - Micrel Semiconductor SY10H842ZHTR Datasheet HTML 2Page - Micrel Semiconductor SY10H842ZHTR Datasheet HTML 3Page - Micrel Semiconductor SY10H842ZHTR Datasheet HTML 4Page - Micrel Semiconductor SY10H842ZHTR Datasheet HTML 5Page - Micrel Semiconductor SY10H842ZHTR Datasheet HTML 6Page - Micrel Semiconductor SY10H842ZHTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Precision Edge®
SY10H842
SY100H842
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
TTL DC ELECTRICAL CHARACTERISTICS
VT = VE = +5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
2.5
2.5
2.5
V
IOH = –3.0mA
2.0
2.0
2.0
IOH = –15mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24mA
IOS
Output Short Circuit Current
–80
–200
–80
–200
–80
–200
mA
VOUT = 0V
VT = VE = +5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA—
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage
3.830
4.160
3.870
4.190
3.940
4.280
V
VE = 5.0V
VIL
Input LOW Voltage
3.050
3.520
3.050
3.520
3.050
3.555
V
VE = 5.0V
VBB
Output Reference Voltage
3.620
3.730
3.650
3.750
3.690
3.810
V
VE = 5.0V
10H ECL DC ELECTRICAL CHARACTERISTICS(1)
Note:
1. ECL VIH, VIL and VBB are referenced to VCCE and will vary 1:1 with the power supply. The levels shown are for IVT = IVO = VCCE = +5.0V.
100H ECL DC ELECTRICALCHARACTERISTICS(1)
VT = VE = +5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA—
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage
3.835
4.120
3.835
4.12
3.835
4.120
V
VE = 5.0V
VIL
Input LOW Voltage
3.190
3.525
3.1900
3.525
3.190
3.525
V
VE = 5.0V
VBB
Output Reference Voltage
3.620
3.740
3.62
3.740
3.620
3.740
V
VE = 5.0V
Note:
1. ECL VIH, VIL and VBB are referenced to VCCE and will vary 1:1 with the power supply. The levels shown are for IVT = IVO = VCCE = +5.0V.


Similar Part No. - SY10H842ZHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842ZC MICREL-SY10H842ZC Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842ZCTR MICREL-SY10H842ZCTR Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY10H842ZHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com