Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1120IES-0.6-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1120IES-0.6-T1
Description  500mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1120IES-0.6-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1120IES-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1120IES-0.6-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AAT1120
500mA Step-Down Converter
10
1120.2007.01.1.0
Control Loop
The AAT1120 is a 500mA current mode step-down
converter. The current through the P-channel
MOSFET (high side) is sensed for current loop
control, as well as short-circuit and overload pro-
tection. A fixed slope compensation signal is added
to the sensed current to maintain stability for duty
cycles greater than 50%. The peak current mode
loop appears as a voltage-programmed current
source in parallel with the output capacitor.
The output of the voltage error amplifier programs
the current mode loop for the necessary peak
switch current to force a constant output voltage for
all load and line conditions. Internal loop compen-
sation terminates the transconductance voltage
error amplifier output. The error amplifier reference
is fixed at 0.6V.
Soft Start / Enable
Soft start increases the inductor current limit point in
discrete steps when the input voltage or enable
input is applied. It limits the current surge seen at
the input and eliminates output voltage overshoot.
When pulled low, the enable input forces the
AAT1120 into a low-power, non-switching state. The
total input current during shutdown is less than 1μA.
Current Limit and
Over-Temperature Protection
For overload conditions, the peak input current is lim-
ited. As load impedance decreases and the output
voltage falls closer to zero, more power is dissipated
internally, raising the device temperature. Thermal
protection completely disables switching when inter-
nal dissipation becomes excessive, protecting the
device from damage. The junction over-temperature
threshold is 140°C with 15°C of hysteresis.
Under-Voltage Lockout
Internal bias of all circuits is controlled via the VIN
power. Under-voltage lockout (UVLO) guarantees
sufficient VIN bias and proper operation of all inter-
nal circuits prior to activation.
Applications Information
Inductor Selection
The step-down converter uses peak current mode
control with slope compensation to maintain stability
for duty cycles greater than 50%. The output induc-
tor value must be selected so the inductor current
down slope meets the internal slope compensation
requirements. The internal slope compensation for
the adjustable and low-voltage fixed versions of the
AAT1120 is 0.45A/μsec. This equates to a slope
compensation that is 75% of the inductor current
down slope for a 1.8V output and 3.0μH inductor.
This is the internal slope compensation for the
AAT1120. When externally programming to 3.0V,
the calculated inductance is 5.0μH.
In this case, a standard 4.7μH value is selected.
For most designs, the AAT1120 operates with an
inductor value of 1μH to 4.7μH. Table 1 displays
inductor values for the AAT1120 with different output
voltage options.
Manufacturer's specifications list both the inductor
DC current rating, which is a thermal limitation, and
the peak current rating, which is determined by the
saturation characteristics. The inductor should not
show any appreciable saturation under normal load
conditions. Some inductors may meet the peak and
average current ratings yet result in excessive
losses due to a high DCR. Always consider the
losses associated with the DCR and its effect on
the total converter efficiency when selecting an
inductor.
0.75 ⋅ VO
L =
=
1.67
⋅ VO
= 1.67
⋅ 3.0V = 5.0µH
m
0.75
⋅ VO
0.45A
µsec
A
µsec
A
A
µsec
0.75 ⋅ VO
m =
=
= 0.45
L
0.75 ⋅ 1.8V
3.0µH
A
µsec


Similar Part No. - AAT1120IES-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1120IES-0.6-T1 SKYWORKS-AAT1120IES-0.6-T1 Datasheet
960Kb / 19P
   500mA Step-Down Converter
More results

Similar Description - AAT1120IES-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
   500mA Step-Down Converter
logo
Diodes Incorporated
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
   500mA LED Step-down Converter
AP8801 Rev. 4
AP8801 DIODES-AP8801 Datasheet
158Kb / 11P
   500mA LED Step-Down Converter
AP8801 Rev. 1
logo
Advanced Analogic Techn...
AAT2120 ANALOGICTECH-AAT2120 Datasheet
1Mb / 20P
   500mA Low Noise Step-Down Converter
AAT2120 ANALOGICTECH-AAT2120_08 Datasheet
684Kb / 19P
   500mA Low Noise Step-Down Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com