Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1110IJS-0.6-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1110IJS-0.6-T1
Description  Fast Transient 800mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1110IJS-0.6-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1110IJS-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1110IJS-0.6-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AAT1110
Fast Transient 800mA Step-Down Converter
10
1110.2006.04.1.0
Control Loop
The AAT1110 is a peak current mode step-down
converter. The current through the P-channel
MOSFET (high side) is sensed for current loop
control, as well as short circuit and overload pro-
tection. A fixed slope compensation signal is added
to the sensed current to maintain stability for duty
cycles greater than 50%. The peak current mode
loop appears as a voltage-programmed current
source in parallel with the output capacitor.
The output of the voltage error amplifier programs
the current mode loop for the necessary peak
switch current to force a constant output voltage for
all load and line conditions. Internal loop compen-
sation terminates the transconductance voltage
error amplifier output. For fixed voltage versions,
the error amplifier reference voltage is internally set
to program the converter output voltage. For the
adjustable output, the error amplifier reference is
fixed at 0.6V.
Soft Start / Enable
Soft start limits the current surge seen at the input
and eliminates output voltage overshoot. When
pulled low, the enable input forces the AAT1110 into
a low-power, non-switching state. The total input
current during shutdown is less than 1µA.
Current Limit and Over-Temperature
Protection
For overload conditions, the peak input current is
limited. To minimize power dissipation and stresses
under current limit and short-circuit conditions,
switching is terminated after entering current limit
for a series of pulses. Switching is terminated for
seven consecutive clock cycles after a current limit
has been sensed for a series of four consecutive
clock cycles.
Thermal protection completely disables switching
when internal dissipation becomes excessive. The
junction over-temperature threshold is 140°C with
15°C of hysteresis. Once an over-temperature or
over-current fault conditions is removed, the output
voltage automatically recovers.
Under-Voltage Lockout
Internal bias of all circuits is controlled via the VIN
input. Under-voltage lockout (UVLO) guarantees
sufficient VIN bias and proper operation of all inter-
nal circuitry prior to activation.
Figure 1: Enhanced Transient Response Schematic.
L1 CDRH3D16-4R7
4.7
μH
L1
10
μF
C1
4.7
μF
C2
U1 AAT1110 SC70JW-8
C2 4.7
μF 10V 0805 X5R
V
OUT =1.8V
GND
V
IN
1
2
3
Enable
LX
EN
1
OUT
2
VIN
3
LX
4
AGND
5
PGND
6
PGND
7
PGND
8
AAT1110
U1
GND2
118k
R1
59k
R2
C1 10
μF 6.3V 0805 X5R
100pF
C4
n/a
C3


Similar Part No. - AAT1110IJS-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
AAT1110-S AAT-AAT1110-S Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
AAT1110-S-T AAT-AAT1110-S-T Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
AAT1110-T2 AAT-AAT1110-T2 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
AAT1110-T2-T AAT-AAT1110-T2-T Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
More results

Similar Description - AAT1110IJS-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
   FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146 Datasheet
767Kb / 20P
   Fast Transient 400mA Step-Down Converter
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Diodes Incorporated
PAM2321 DIODES-PAM2321 Datasheet
360Kb / 11P
   FAST TRANSIENT 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com