Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H842ZCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H842ZCTR
Description  SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H842ZCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H842ZCTR Datasheet HTML 1Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 2Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 3Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 4Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 5Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 6Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Precision Edge®
SY10H842
SY100H842
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Pin
Symbol
Description
1GT
TTL Ground (0V)
2
EN
Enable Input (PECL)
3GE
ECL Ground (0V)
4VE
ECL VCC (+5.0V)
5
D
ECL Signal Input (Non-inverting)
6
D
ECL Signal Input (Inverting)
7VBB
VBB Reference Output (PECL)
8GT
TTL Ground (0V)
9Q0
Signal Output (TTL)
10
GT
TTL Ground (0V)
11
Q1
Signal Output (TTL)
12
VT
TTL VCC (+5.0V)
13
VT
TTL VCC (+5.0V)
14
Q2
Signal Output (TTL)
15
GT
TTL Ground (0V)
16
Q3
Signal Output (TTL)
TRUTH TABLE
DEN
Q
LL
L
HL
H
XH
L
PIN DESCRIPTION
DC CHARACTERISTICS
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
Power Supply Current
ECL
35
35
35
mA
VE Pin
ICCH
Power Supply Current
TTL
20
20
20
mA
Total all VT pins
ICCL
—25
25
25
VCC AND CLOAD
Ranges to meet duty cycle requirement: 0
°C ≤ TA ≤ 85°C. Output duty cycle measured relative to 1.5V.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
PW
Ranges of VCC and CL to meet min.
VCC
4.75
5.0
5.25
V
All Outputs
pulse width (HIGH or LOW) at
CL
10
50
pF
fOUT
≤ 40MHz
PW
11
ns
PW
Ranges of VCC and CL to meet min.
VCC
4.875
5.0
5.125
V
All Outputs
pulse width (HIGH or LOW) at
CL
15
27
pF
fOUT
≤ 50MHz
PW
9.0
ns
Symbol
Rating
Value
Unit
VE (ECL)
Power Supply
–0.5 to +7.0
V
VT (TTL)
Voltage
–0.5 to +7.0
VI (ECL)
Input Voltage
0.0 to VEE
V
VOUT (TTL)
0.0 to VT
TLEAD
Lead Temperature
+260
˚C
Range (soldering, 20sec)
Tstore
Storage Temperature
–65 to +150
˚C
TA
Operating Temperature
0 to +85
˚C
Note:
1. Permanent device damage may occur if absolute maximum ratings are
exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to absolute maximum ratlng conditions for
extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY10H842ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842ZCTR MICREL-SY10H842ZCTR Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY10H842ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com