Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H842ZCTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY10H842ZCTR
Description  SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H842ZCTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY10H842ZCTR Datasheet HTML 1Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 2Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 3Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 4Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 5Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 6Page - Micrel Semiconductor SY10H842ZCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Precision Edge®
SY10H842
SY100H842
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
TTL SWITCHING CIRCUIT
ECL/TTL PROPAGATION DELAY — SINGLE ENDED
ECL/TTL WAVEFORMS: RISE AND FALL TIMES
VOUT
Trise
Tfall
2.0V
0.8V
PULSE
GENERATOR
IN
OUT
PECL
VEE
VCC & VCCO
TTL
DEVICE
UNDER
TEST
CH A
OSCILLOSCOPE
CH B
50
Ω COAX
450
USE 0.1µF CAPACITORS
FOR DECOUPLING.
USE OSCILLOSCOPE
INTERNAL 50
Ω LOAD
FOR TERMINATION.
50
Ω COAX
50
Ω COAX
VIN
VOUT
50%
1.5V
Tpd++
Tpd– –


Similar Part No. - SY10H842ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842ZCTR MICREL-SY10H842ZCTR Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY10H842ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com