Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H641JCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H641JCTR
Description  SINGLE SUPPLY 1:9 PECL-TO-TTL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H641JCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H641JCTR Datasheet HTML 1Page - Micrel Semiconductor SY10H641JCTR Datasheet HTML 2Page - Micrel Semiconductor SY10H641JCTR Datasheet HTML 3Page - Micrel Semiconductor SY10H641JCTR Datasheet HTML 4Page - Micrel Semiconductor SY10H641JCTR Datasheet HTML 5Page - Micrel Semiconductor SY10H641JCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Precision Edge®
SY10H641
SY100H641
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10H641JC
J28-1
Commercial
SY10H641JC
Sn-Pb
SY10H641JCTR(2)
J28-1
Commercial
SY10H641JC
Sn-Pb
SY100H641JC
J28-1
Commercial
SY100H641JC
Sn-Pb
SY100H641JCTR(2)
J28-1
Commercial
SY100H641JC
Sn-Pb
SY10H641JZ(3)
J28-1
Commercial
SY10H641JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10H641JZTR(2, 3)
J28-1
Commercial
SY10H641JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100H641JZ(3)
J28-1
Commercial
SY100H641JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100H641JZTR(2, 3)
J28-1
Commercial
SY100H641JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
18
17
16
15
14
13
12
56789
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
25 24 23 22 21 20 19
GT
Q5
VT
Q4
VT
Q3
GT
VBB
D
VE
LEN
GE
D
EN


Similar Part No. - SY10H641JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641JCTR MICREL-SY10H641JCTR Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
More results

Similar Description - SY10H641JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com