Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT20VZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EPT20VZC
Description  5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT20VZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EPT20VZC Datasheet HTML 1Page - Micrel Semiconductor SY100EPT20VZC Datasheet HTML 2Page - Micrel Semiconductor SY100EPT20VZC Datasheet HTML 3Page - Micrel Semiconductor SY100EPT20VZC Datasheet HTML 4Page - Micrel Semiconductor SY100EPT20VZC Datasheet HTML 5Page - Micrel Semiconductor SY100EPT20VZC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ECL Pro™
SY10EPT20V
SY100EPT20V
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
Q, /Q
Differential LVPECL Output
D
LVTTL Input
VCC
Positive Supply
GND
Ground
DESCRIPTION
■ 3.3V and 5V power supply options
■ 300ps typical propagation delay
■ Differential LVPECL output
■ I
CC Max 20mA
■ PNP LVTTL input for minimal loading
■ Q output will default HIGH with inputs open
■ High bandwidth to 800MHz typical
■ Available in 8-pin MSOP and SOIC package
The SY10/100EPT20V is a TTL/CMOS to differential
PECL translator. Capable of running from a 3.3 or 5V
supply, the part can be used in either LVTTL/LVCMOS/
LVPECL or TTL/CMOS/PECL systems.
The device only requires a single positive supply of
3.3V or 5V - no negative supply is required.
The tiny 8-pin MSOP package and the low skew, dual
gate design of the EPT20V makes it ideal for those
applications where space, performance, and low power
are at a premium.
FEATURES
5V/3.3V
LVTTL/LVCMOS-to-DIFFERENTIAL
LVPECL TRANSLATOR
PIN NAMES
ECL Pro™
SY10EPT20V
SY100EPT20V
Rev.: D
Amendment: /0
Issue Date: November 2005
ECL Pro™
ECL Pro is a trademark of Micrel, Inc.


Similar Part No. - SY100EPT20VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT20VZC MICREL-SY100EPT20VZC Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VZC MICREL-SY100EPT20VZC Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VZCTR MICREL-SY100EPT20VZCTR Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT20VZCTR MICREL-SY100EPT20VZCTR Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY100EPT20VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89329V MICREL-SY89329V Datasheet
50Kb / 6P
   3.3V/5V 800MHz LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com