Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EPT28LZITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EPT28LZITR
Description  3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EPT28LZITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EPT28LZITR Datasheet HTML 1Page - Micrel Semiconductor SY10EPT28LZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EPT28LZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EPT28LZITR Datasheet HTML 4Page - Micrel Semiconductor SY10EPT28LZITR Datasheet HTML 5Page - Micrel Semiconductor SY10EPT28LZITR Datasheet HTML 6Page - Micrel Semiconductor SY10EPT28LZITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ECL Pro™
SY10EPT28L
SY100EPT28L
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +3.8
V
V
IN
Input Voltage
0 to V
CC
V
I
OUT
LVPECL Output Current
–Continuous
50
mV
–Surge
100
T
A
Operating Temperature Range
–40 to +85
°C
T
LEAD
Lead Temperature (Soldering, 20sec.)
+260
°C
T
store
Storage Temperature Range
–65 to +150
°C
θJA
Package Thermal Resistance
–Still-Air
(SOIC)
160
°C/W
(Junction-to-Ambient)
–500lfpm (SOIC)
109
–Still-Air
(MSOP)
206
°C/W
–500lfpm (MSOP)
155
θJC
Package Thermal Resistance
(SOIC)
39
°C/W
(Junction-to-Case)
(MSOP)
39
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
ICC
Power Supply Current
20
40
22
40
25
40
mA
DC ELECTRICAL CHARACTERISTICS(2)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH
10EPT
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
Note 3
Voltage
100EPT
2155
2280
2405
2155
2280
2405
2155
2280
2405
VOL
Output LOW
10EPT
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
Note 3
Voltage
100EPT
1355
1480
1605
1355
1480
1605
1355
1480
1605
VIH
Input HIGH
10EPT
2090
2415
2155
2480
2215
2540
mV
Note 3
Voltage
100EPT
2075
2420
2075
2420
2075
2420
VIL
Input LOW
10EPT
1365
1690
1430
1755
1490
1815
mV
Note 3
Voltage
100EPT
1355
1675
1355
1675
1355
1675
IIH
Input HIGH Current
150
150
150
µAVIN = 3.46V
IIL
Input LOW Current
/D, D
0.5
0.5
0.5
0.5
µA
CIN
Input Capacitance
(SOIC)
————
0.75
————
pF
(MSOP)
————
1.1
————
pF
Notes:
1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for
extended periods may affect device reliability.
2.
10/100KEPT circuits are designed to meet the DC specifications shown in the above tables after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
3.
Input and output parameters vary 1:1 with V
CC.
LVPECL DC ELECTRICAL CHARACTERISTICS(2)
VCC = 3.3V ±10%


Similar Part No. - SY10EPT28LZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20VKC MICREL-SY10EPT20VKC Datasheet
87Kb / 8P
   3.3V/5V LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
SY10EPT20VKC MICREL-SY10EPT20VKC Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results

Similar Description - SY10EPT28LZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
   3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com