Electronic Components Datasheet Search |
|
SY10EP33VZI Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
SY10EP33VZI Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 9 page 5 Precision Edge® SY10EP33V SY100EP33V Micrel, Inc. M9999-071906 hbwhelp@micrel.com or (408) 955-1690 TA = –40°CTA = +25°CTA = +85°C Symbol Parameter Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit IEE Power Supply Current — — 36 — 30 36 — — 40 mA VOH Output HIGH Voltage(3) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage(3) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV VIH Input HIGH Voltage 2075 — 2420 2075 — 2420 2075 — 2420 mV (Single-Ended) VIL Input LOW Voltage 1355 — 1675 1355 — 1675 1355 — 1675 mV (Single-Ended) VBB Output Voltage 1775 1875 1975 1775 1875 1975 1775 1875 1975 mV VIHCMR Input HIGH Voltage(4) Common Mode Range 2.0 — VCC 2.0 — VCC 2.0 — VCC V (Differential) IIH Input HIGH Current — — 150 — — 150 — — 150 µA IIL Input LOW RESET, CLK 0.5 — — 0.5 — — 0.5 — — µA Current /CLK –150 — — –150 — — –150 — — Notes: 1. 100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. Input and output parameters vary 1:1 with VCC. 3. All loading with 50 Ω to V CC –2.0V. 4. The VIHCMR range is referenced to the most positive side of the differential input signal. (100EP) LVPECL DC ELECTRICAL CHARACTERISTICS(1) VCC = +3.3V ±10%; VEE = 0V (2) TA = –40°CTA = +25°CTA = +85°C Symbol Parameter Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit IEE Power Supply Current — — 36 — 30 36 — — 40 mA VOH Output HIGH Voltage(3) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mV VOL Output LOW Voltage(3) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mV VIH Input HIGH Voltage 3775 — 4120 3775 — 4120 3775 — 4120 mV (Single-Ended) VIL Input LOW Voltage 3055 — 3375 3055 — 3375 3055 — 3375 mV (Single-Ended) VBB Output Voltage 3475 3575 3675 3475 3575 3675 3475 3575 3675 mV VIHCMR Input HIGH Voltage(4) Common Mode Range 2.0 — VCC 2.0 — VCC 2.0 — VCC V (Differential) IIH Input HIGH Current — — 150 — — 150 — — 150 µA IIL Input LOW RESET, CLK 0.5 — — 0.5 — — 0.5 — — µA Current /CLK –150 — — –150 — — –150 — — Notes: 1. 100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 2. Input and output parameters vary 1:1 with VCC. 3. All loading with 50 Ω to V CC –2.0V. 4. The VIHCMR range is referenced to the most positive side of the differential input signal. (100EP) PECL DC ELECTRICAL CHARACTERISTICS(1) VCC = +5.0V ±10%; VEE = 0V (2) |
Similar Part No. - SY10EP33VZI |
|
Similar Description - SY10EP33VZI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |