Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT22LZG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100ELT22LZG
Description  3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT22LZG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100ELT22LZG Datasheet HTML 1Page - Micrel Semiconductor SY100ELT22LZG Datasheet HTML 2Page - Micrel Semiconductor SY100ELT22LZG Datasheet HTML 3Page - Micrel Semiconductor SY100ELT22LZG Datasheet HTML 4Page - Micrel Semiconductor SY100ELT22LZG Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10ELT22L
SY100ELT22L
Micrel, Inc.
M9999-120705
hbwhelp@micrel.com or (408) 955-1690
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(2)
mV
10ELT
2220
2410
2280
2460
2320
2490
2390
2580
100ELT
2220
2420
2275
2420
2275
2420
2275
2420
VOL
Output LOW Voltage(2)
mV
10ELT
1350
1650
1350
1670
1350
1670
1350
1705
100ELT
1470
1750
1490
1680
1490
1680
1490
1680
VCC = VCC (Min.) to VCC (Max.)
NOTES:
1. Parametric values specified at:
3 volt Power Supply Range
10/100ELT22L Series: +3.0V to +3.8V.
2. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.
PECL DC ELECTRICAL CHARACTERISTICS(1)
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max. Min. Max. Min.
Max. Min. Max. Unit
Condition
tPD
Propagation Delay to Output D,
100
600
100
600
100
600
100
600
ps
50Ω to VCC – 2.0V
ENECL/ENTTL
tr
Output Rise/Fall Time
200
500
200
500
200
500
200
500
ps
50Ω to VCC – 2.0V
tf
20% to 80%
tskpp
Part-to-Part Skew(2)
500
500
500
500
ps
50Ω to VCC – 2.0V
tskew
Within-Device Skew(2,3)
100
100
100
100
ps
50Ω to VCC – 2.0V
NOTES:
1. Parametric values specified at:
3 volt Power Supply Range
10/100ELT22L Series: +3.0V to +3.8V.
2. Guaranteed, but not tested.
3. Same transition @common VCC levels.
AC ELECTRICAL CHARACTERISTICS(1)
VCC = +3.0V to +3.8V


Similar Part No. - SY100ELT22LZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT22LZG MICREL-SY100ELT22LZG Datasheet
68Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22LZGTR MICREL-SY100ELT22LZGTR Datasheet
68Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY100ELT22LZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT22L MICREL-SY10ELT22L Datasheet
51Kb / 4P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_08 Datasheet
68Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com