Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3946 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # 3946
Description  Half-Bridge Power MOSFET Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3946 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button 3946_04 Datasheet HTML 5Page - Allegro MicroSystems 3946_04 Datasheet HTML 6Page - Allegro MicroSystems 3946_04 Datasheet HTML 7Page - Allegro MicroSystems 3946_04 Datasheet HTML 8Page - Allegro MicroSystems 3946_04 Datasheet HTML 9Page - Allegro MicroSystems 3946_04 Datasheet HTML 10Page - Allegro MicroSystems 3946_04 Datasheet HTML 11Page - Allegro MicroSystems 3946_04 Datasheet HTML 12Page - Allegro MicroSystems 3946_04 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
Pin Name
Pin Description
SOIC-16
(A3946KLB)
TSSOP-16
(A3946KLP)
VREG
Gate drive supply.
1
1
CP2
Charge pump capacitor, positive side. When not using the charge
pump, leave this pin open.
22
CP1
Charge pump capacitor, negative side. When not using the charge
pump, leave this pin open.
33
PGND*
External ground. Internally connected to the power ground.
4
4
GL
Low-side gate drive output for external MOSFET driver. External
series gate resistor can be used to control slew rate seen at the
power driver gate, thereby controlling the di/dt and dv/dt of the S
pin output.
55
S
Directly connected to the load terminal. The pin is also connected
to the negative side of the bootstrap capacitor and negative supply
connection for the floating high-side drive.
66
GH
High-side gate drive output for N-channel MOSFET driver. External
series gate resistor can be used to control slew rate seen at the
power driver gate, thereby controlling the di/dt and dv/dt of the S
pin output.
77
BOOT
High-side connection for bootstrap capacitor, positive supply for the
high-side gate drive.
88
~FAULT
Diagnostic output, open drain. Low during a fault condition.
9
9
IN1
Logic control.
10
10
IN2
Logic control.
11
11
RESET
Logic control input. When RESET = 0, the chip is in a very low
power sleep mode.
12
12
LGND*
External ground. Internally connected to the logic ground.
13
13
DT
Dead Time. Connecting a resistor to GND sets the turn-on delay
to prevent shoot-through. Forcing this input high disables the dead
time circuit and changes the logic truth table.
14
14
VREF
5 V internal reference decoupling terminal.
15
15
VBB
Supply Input.
16
16
*In the LB package, the PGND pin (4) and LGND pin (13) grounds are internally connected by the leadframe. In the LP package, however,
the PGND pin (4) and LGND pin (13) grounds are NOT internally connected, and both must be connected to ground externally.
In the LP package, the exposed thermal pad is not connected to any pin, but should be externally connected to ground, to reduce noise
pickup by the pad.


Similar Part No. - 3946_04

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
   Half-Bridge Power MOSFET Controller
More results

Similar Description - 3946_04

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
   Half-Bridge Power MOSFET Controller
A3946 ALLEGRO-A3946 Datasheet
328Kb / 14P
   Half-Bridge Power MOSFET Controller
A3946 ALLEGRO-A3946_16 Datasheet
327Kb / 14P
   Half-Bridge Power MOSFET Controller
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G-1 INFINEON-ICE1HS01G-1 Datasheet
1Mb / 19P
   Half-Bridge Resonant Controller
Version 2.0, 04 July 2011
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
logo
Fairchild Semiconductor
NDS8858H FAIRCHILD-NDS8858H Datasheet
350Kb / 12P
   Complementry MOSFET Half Bridge
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com