Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP3R310NKFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # S48SP3R310NKFA
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP3R310NKFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button S48SP3R310NKFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 10Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 11Page - Delta Electronics, Inc. S48SP3R310NKFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down, and enter hiccup mode or
latch mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the
module will shut down again. This restart trial will
continue until the overload condition is corrected.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-voltage
set point, the module will shut down, and enter in hiccup
mode or latch mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the
module will shut down again. This restart trial will
continue until the overload condition is corrected.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down, and enter hiccup mode or
latch mode, which is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the
module will shut down again. This restart trial will
continue until the overload condition is corrected.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the module
on during a logic low and off during a logic high. Positive
logic turns the modules on during a logic high and off
during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.
Vi(+)
Vi(-)
ON/OFF
Vo(+)
Trim
Vo(-)
R
Load
Vi(+)
Vi(-)
ON/OFF
Vo(+)
Trim
Vo(-)
R
Load
Figure 16: Remote on/off implementation
DS_S48SP3R310_03062007
8


Similar Part No. - S48SP3R310NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310NKFA DELTA-S48SP3R310NKFA Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
More results

Similar Description - S48SP3R310NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com