Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA1R503NRFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # S48SA1R503NRFA
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA1R503NRFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  S48SA1R503NRFA Datasheet HTML 1Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 2Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SA1R503NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_S48SA1R212_05122006
4
ELECTRICAL CHARACTERISTICS CURVES
Figure5:
Turn-on transient at zero load current (1 ms/div). Top
Trace: Vout (500mV/div); Bottom Trace: ON/OFF Control
(5V/div).
Figure 6:
Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF,
100 m
ESR tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout (20mV/div), Bottom Trace: Iout (5A/div).
Figure 7:
Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF,
100 m
ESR tantalum capacitor and 1µF
ceramic capacitor.
Top Trace: Vout (20mV/div), Bottom
Trace: Iout 5A/div).
Figure 8:
Test set-up diagram showing measurement points
for Input Reflected Ripple Current (Figure 9).
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance.


Similar Part No. - S48SA1R503NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R512NRFA DELTA-S48SA1R512NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA1R512NRFA DELTA-S48SA1R512NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA1R512NRFA DELTA-S48SA1R512NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA1R503NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com