Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3425EL-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3425EL-T
Description  Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3425EL-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3425EL-T Datasheet HTML 6Page - Allegro MicroSystems A3425EL-T Datasheet HTML 7Page - Allegro MicroSystems A3425EL-T Datasheet HTML 8Page - Allegro MicroSystems A3425EL-T Datasheet HTML 9Page - Allegro MicroSystems A3425EL-T Datasheet HTML 10Page - Allegro MicroSystems A3425EL-T Datasheet HTML 11Page - Allegro MicroSystems A3425EL-T Datasheet HTML 12Page - Allegro MicroSystems A3425EL-T Datasheet HTML 13Page - Allegro MicroSystems A3425EL-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Ultra-Sensitive Dual-Channel Quadrature
Hall-Effect Bipolar Switch
A3425
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Typical Thermal Performance
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC = 4 mA, and RθJA = 140 °C/W, then:
PD = VCC
× ICC = 12 V × 4 mA = 48 mW
ΔT = PD
× RθJA = 48 mW × 140 °C/W = 7°C
TJ = TA + ΔT = 25°C + 7°C = 32°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package L, using
minimum-K PCB
Observe the worst-case ratings for the device, specifically:
RθJA=140°C/W, TJ(max) =165°C, VCC(max)=18V, and
ICC(max) = 6mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
ΔTmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷140 °C/W=107mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 107mW÷6mA=18 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.


Similar Part No. - A3425EL-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425EL-T ALLEGRO-A3425EL-T Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results

Similar Description - A3425EL-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
logo
Major-Power Technology ...
MA7002 MPOWER-MA7002 Datasheet
175Kb / 2P
   Ultra-sensitive Hall Effect Switch
Rev.1.2
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
AH1388 DIODES-AH1388 Datasheet
469Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
May 2020 Rev. 1 - 2
AH1390 DIODES-AH1390 Datasheet
499Kb / 9P
   ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com