Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE3R305NKFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S36SE3R305NKFA
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE3R305NKFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S36SE3R305NKFA Datasheet HTML 1Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 2Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 3Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SE3R305NKFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS_S36SE3R305_02152007
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 300 LFM, Vin = 48 Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
S36SE3R305 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient(100ms)
100ms
100
Vdc
Operating Temperature
Refer to Figure 20 for measuring point
-40
123
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16
17
18
Vdc
Turn-Off Voltage Threshold
15
16
17
Vdc
Lockout Hysteresis Voltage
0.5
1
1.5
Vdc
Maximum Input Current
100% Load, 18Vin
1.3
A
No-Load Input Current
20
mA
Off Converter Input Current
5
mA
Inrush Current (I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
8
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
3.25
3.3
3.35
Vdc
Output Voltage Regulation
Over Load
Io=Io, min to Io, max
±3
±10
mV
Over Line
Vin=18V to 75V
±3
±10
mV
Over Temperature
Tc=-40°C to 100°C
±33
mV
Total Output Voltage Range
Over sample load, line and temperature
3.2
3.4
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
60
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
mV
Operating Output Current Range
0
5
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
120
130
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
150
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
150
mV
Settling Time (within 1% Vout nominal)
300
us
Turn-On Transient
Start-Up Time, From On/Off Control
16
25
ms
Start-Up Time, From Input
16
25
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
1000
µF
EFFICIENCY
100% Load
86.5
%
60% Load
85.5
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1000
pF
FEATURE CHARACTERISTICS
Switching Frequency
450
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off
-0.7
0.8
V
Logic High (Module Off)
Von/off
2
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off
-0.7
0.8
V
Logic High (Module On)
Von/off
2
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
0.25
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
30
uA
Output Voltage Trim Range
Across Trim Pin & +Vo or –Vo, Pout≦max rated
-10%
10%
%
Output Over-Voltage Protection
Over full temp range;
3.79
5
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C, 300LFM
TBD
M hours
Weight
9
grams
Over-Temperature Shutdown
Refer to Figure 20 for measuring point
128
°C


Similar Part No. - S36SE3R305NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NKFA DELTA-S36SE3R305NKFA Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results

Similar Description - S36SE3R305NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com