Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48SR1R525NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # V48SR1R525NRFA
Description  Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SR1R525NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button V48SR1R525NRFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 9Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 10Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 11Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 12Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 13Page - Delta Electronics, Inc. V48SR1R525NRFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PICK AND PLACE LOCATION
RECOMMENDED PAD LAYOUT (SMD)
SURFACE-MOUNT TAPE & REEL
DS_V48SR1R225_01312007
11


Similar Part No. - V48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SR1R525NRFA DELTA-V48SR1R525NRFA Datasheet
877Kb / 14P
   Fixed frequency operation
V48SR1R525NRFA DELTA-V48SR1R525NRFA Datasheet
976Kb / 13P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 12V, 5.5A out
More results

Similar Description - V48SR1R525NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SR3R320NNFA DELTA-V48SR3R320NNFA Datasheet
976Kb / 13P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 12V, 5.5A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
V48SC12007NMFA DELTA-V48SC12007NMFA Datasheet
793Kb / 13P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com