Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SB9R650NKFH Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # Q48SB9R650NKFH
Description  Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB9R650NKFH Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button Q48SB9R650NKFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 9Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 10Page - Delta Electronics, Inc. Q48SB9R650NKFH Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the DC/DC power
modules will interact with the modules and affect the stability. A low
ac-impedance input source is recommended. If the source
inductance is more than a few μH, we advise adding a typical
100uF electrolytic capacitor (ESR > 0.1 Ω at 100 kHz, -40oC to
100oC.) mounted close to the input of the module to improve the
stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate in a
wide variety of systems and applications. For design
assistance with EMC compliance and related PWB layout
issues, please contact Delta’s technical support team. An
external input filter module is available for easier EMC
compliance design. Application notes to assist designers in
addressing these issues are pending release.
Safety Considerations
The power module must be installed in compliance with the
spacing and separation requirements of the end-user’s
safety agency standard, i.e., UL60950, CAN/CSA-C22.2 No.
60950-00 and EN60950: 2000 and IEC60950-1999, if the
system in which the power module is to be used must meet
safety agency requirements.
Basic insulation based on 75 Vdc input is provided between
the input and output of the module for the purpose of
applying insulation requirements when the input to this
DC-to-DC converter is identified as TNV-2 or SELV. An
additional evaluation is needed if the source is other than
TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If the
input source is a hazardous voltage which is greater than 60
Vdc and less than or equal to 75 Vdc for the module’s output
to meet SELV requirements, all of the following must be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not
operator accessible.
If the metal baseplate is grounded, one Vi pin and
one Vo pin shall also be grounded.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazardous voltage does not appear at the
module’s output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to
the end-use installation, as the spacing between the
module and mounting surface have not been
evaluated.
The power module has extra-low voltage (ELV)
outputs when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line
fuse is highly recommended. The safety agencies
require a normal-blow fuse with 50A maximum rating
to be installed in the ungrounded lead. A lower rated
fuse can be used based on the maximum inrush
transient energy and maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board
assembly process before the board or system
undergoes electrical testing. Inadequate cleaning
and/or drying may lower the reliability of a power
module and severely affect the finished circuit board
assembly test. Adequate cleaning and/or drying is
especially important for un-encapsulated and/or open
frame type power modules. For assistance on
appropriate soldering and cleaning procedures,
please contact Delta’s technical support team.
DS_Q48SB9R650_07102006
7


Similar Part No. - Q48SB9R650NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NKFA DELTA-Q48SB10828NKFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NKFH DELTA-Q48SB10828NKFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFA DELTA-Q48SB10828NNFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NNFH DELTA-Q48SB10828NNFH Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
More results

Similar Description - Q48SB9R650NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com