Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A48SL1R535PNFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # A48SL1R535PNFA
Description  Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

A48SL1R535PNFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  A48SL1R535PNFA Datasheet HTML 1Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 2Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 3Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 4Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 5Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 6Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 7Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 8Page - Delta Electronics, Inc. A48SL1R535PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48SL1R535 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to Fig.21 for measuring point
-40
100
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1 minute
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33
34
35
Vdc
Turn-Off Voltage Threshold
31
32
33
Vdc
Lockout Hysteresis Voltage
1
2
3
Vdc
Input Over-Voltage Lockout
Turn-Off Voltage Threshold
81
Vdc
Turn-On Voltage Threshold
79
Vdc
Maximum Input Current
100% Load, 36Vin
2.1
A
No-Load Input Current
100
150
mA
Off Converter Input Current
3
10
mA
Inrush Current(I
2t)
0.015
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
10
mA
Input Voltage Ripple Rejection
120 Hz
55
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25℃
1.47
1.50
1.53
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±2
±5
mV
Over Line
Vin=36V to 75V
±2
±5
mV
Over Temperature
Tc=-40℃ to 100℃
±15
±50
mV
Total Output Voltage Range
over sample load, line and temperature
1.43
1.57
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
70
110
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
20
40
mV
Operating Output Current Range
0
35
A
Output DC Current-Limit Inception
Output Voltage 10% Low
110
150
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
150
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
150
mV
Settling Time (within 1% Vout nominal)
300
us
Turn-On Transient
Start-Up Time, From On/Off Control
5
10
ms
Start-Up Time, From Input
5
10
ms
Maximum Output Capacitance
Full load; 5% overshoot of Vout at startup
10000
µF
EFFICIENCY
100% Load
85
%
60% Load
86.5
%
ISOLATION CHARACTERISTICS
Input to Output
1500
Vdc
Input to Case
1500
Vdc
Output to Case
500
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1200
pF
FEATURE CHARACTERISTICS
Switching Frequency
230
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
2.4
15
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0
0.4
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
2.4
15
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-20
+10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
+10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
115
122
130
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Tc=40°C
2.5
M hours
Weight
55
grams
Over-Temperature Shutdown
Refer to Fig.21 for measuring point
110
°C
DS_Q48SL1R535_01192007
2


Similar Part No. - A48SL1R535PNFA

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A48-LCG-T-R ASSMANN-A48-LCG-T-R Datasheet
200Kb / 1P
   LOW COST IC SOCKET
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4804E3R-XXN AITSEMI-A4804E3R-XXN Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4804E3VR-XXN AITSEMI-A4804E3VR-XXN Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
More results

Similar Description - A48SL1R535PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
Q48SP12017NRFA DELTA-Q48SP12017NRFA Datasheet
678Kb / 13P
   Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
Q48SK11049 DELTA-Q48SK11049 Datasheet
332Kb / 13P
   Quarter Brick Family DC/DC Power Modules: 48V In, 11V/49A Out
Q48DR1R533NRFA DELTA-Q48DR1R533NRFA Datasheet
1Mb / 14P
   Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com