Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SB10828NNFH Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # Q48SB10828NNFH
Description  Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SB10828NNFH Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  Q48SB10828NNFH Datasheet HTML 1Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 2Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SB10828NNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48SB10828NRFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
63
Vdc
Operating Temperature
Refer to Figure 15 for the measuring point
-40
+124
°C
Storage Temperature
-55
+125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
60
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
34
35
36
Vdc
Turn-Off Voltage Threshold
32
33
34
Vdc
Lockout Hysteresis Voltage
2
Vdc
Input Over-Voltage Lockout
Turn-Off Voltage Threshold
62
63
64
Vdc
Turn-On Voltage Threshold
60
61
62
Vdc
Lockout Hysteresis Voltage
2
Vdc
Maximum Input Current
8
A
No-Load Input Current
30
120
mA
Off Converter Input Current
5
15
mA
Inrush Current(I
2t)
0.02
A
2s
Input Reflected-Ripple Current
RMS thru 12µH inductor, 5Hz to 20MHz
10
mArms
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=no load, Ta=25°C
9.6
Vdc
Vin=54V, Io=no load, Ta=25°C
10.8
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
400
500
mV
Over Line
Vin=36V to 60V
4.8
5
V
Over Temperature
Ta=-40°C to 85°C
200
mV
Total Output Voltage Range
over sample load, line and temperature
6.6
12.1
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
120
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
30
mV
Operating Output Current Range
0
31
A
Output DC Current-Limit Inception
Output Voltage 10% Low
40
A
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
150
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
150
mV
Settling Time (within 1% Vout nominal)
50
us
Turn-On Transient
Start-Up Time, From On/Off Control
20
ms
Start-Up Time, From Input
20
ms
Maximum Output Capacitance
10000
µF
EFFICIENCY
100% Load
95.5
%
60% Load
96.5
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
750
pF
FEATURE CHARACTERISTICS
Switching Frequency
130
kHz
ON/OFF Control, (Logic Low-Module ON)
Logic Low
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High
Von/off at Ion/off=0.0 µA
2.4
18
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
2.88
M hours
Weight
43
grams
Over-Temperature Shutdown
Refer to Figure 15 for the measuring point
127
°C
DS_Q48SB10828_11062006
2


Similar Part No. - Q48SB10828NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB12040NRFA DELTA-Q48SB12040NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
More results

Similar Description - Q48SB10828NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
E48SB9R625 DELTA-E48SB9R625 Datasheet
520Kb / 11P
   Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com