Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3280LLTTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3280LLTTR-T
Description  CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3280LLTTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3280LLTTR-T Datasheet HTML 2Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 3Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 4Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 5Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 6Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 7Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 8Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 9Page - Allegro MicroSystems A3280LLTTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
6
* Complete part number includes a suffix denoting operating temperature range (E or L) and package type (LH, LT, or UA).
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-021-1
3.5
RELEASE POINT
80
40
0
-40
-80
OPERATE POINT
24
TA = 150
°C
TA = -40
°C
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-021-3
3.5
RELEASE POINT
40
20
0
-20
-40
OPERATE POINT
24
TA = 150
°C
TA = -40
°C
TYPICAL OPERATING CHARACTERISTICS
as a function of temperature (cont'd)
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°°°°C
200
100
-50
Dwg. GH-029-4
150
-25
125
IOUT = 20 mA
VCC = 12 V
6.0
5.0
4.0
3.0
2.0
0
25
5075100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-028-5
125
-25
150
OUTPUT ON, B > BOP
OUTPUT OFF, B < BRP
VCC = 12 V
SUPPLY CURRENT
OUTPUT SATURATION VOLTAGE
A3280* SWITCH POINTS
A3281* SWITCH POINTS
TYPICAL OPERATING CHARACTERISTICS
as a function of supply voltage


Similar Part No. - A3280LLTTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280LLT ALLEGRO-A3280LLT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3280LLTTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3240 ALLEGRO-3240_04 Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com